Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2511F32RSPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC2511F32RSPR
Description  Low-Power SoC (System-on-Chip)
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2511F32RSPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2511F32RSPR Datasheet HTML 4Page - Texas Instruments CC2511F32RSPR Datasheet HTML 5Page - Texas Instruments CC2511F32RSPR Datasheet HTML 6Page - Texas Instruments CC2511F32RSPR Datasheet HTML 7Page - Texas Instruments CC2511F32RSPR Datasheet HTML 8Page - Texas Instruments CC2511F32RSPR Datasheet HTML 9Page - Texas Instruments CC2511F32RSPR Datasheet HTML 10Page - Texas Instruments CC2511F32RSPR Datasheet HTML 11Page - Texas Instruments CC2511F32RSPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 245 page
background image
CC2510Fx / CC2511Fx
SWRS055G
Page 8 of 236
3
Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings given in Table 2 be violated. Stress
exceeding one or more of the limiting values may cause permanent damage to the device.
Parameter
Min
Max
Units
Condition
Supply voltage (VDD)
−0.3
3.9
V
All supply pins must have the same voltage
Voltage on any digital pin
−0.3
VDD + 0.3,
max 3.9
V
Voltage on the pins RF_P, RF_N
and DCOUPL
−0.3
2.0
V
Voltage ramp-up rate
120
kV/µs
Input RF level
10
dBm
Storage temperature range
−50
150
°C
Device not programmed
Solder reflow temperature
260
°C
According to IPC/JEDEC J-STD-020D
ESD
CC2510Fx
750
V
According to JEDEC STD 22, method A114, Human
Body Model (HBM)
ESD
CC2510Fx
500
V
According to JEDEC STD 22, C101C, Charged Device
Model (CDM)
ESD
CC2511x
750
V
According to JEDEC STD 22, method A114, Human
Body Model (HBM)
ESD
CC2511x
500
V
According to JEDEC STD 22, C101C, Charged Device
Model (CDM)
Table 2: Absolute Maximum Ratings
Caution!
ESD
sensitive
device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
CC2511F8 - Not Recommended for New Designs


Similar Part No. - CC2511F32RSPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2511F32RSPR TI-CC2511F32RSPR Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2511F32RSPR TI1-CC2511F32RSPR Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2511F32RSPR TI-CC2511F32RSPR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC2511F32RSPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI1-CC1110FX_16 Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
logo
ON Semiconductor
RSL10 ONSEMI-RSL10 Datasheet
158Kb / 19P
   Bluetooth 5 Radio System-on-Chip (SoC)
May, 2018 ??Rev. 3
NCS36510 ONSEMI-NCS36510_16 Datasheet
215Kb / 34P
   Low Power System-on-Chip
September, 2016 ??Rev. 0
logo
Cirrus Logic
CL-PS7110 CIRRUS-CL-PS7110 Datasheet
1Mb / 82P
   Low-Power System-on-a-Chip
CL-PS7111 CIRRUS-CL-PS7111 Datasheet
1Mb / 105P
   Low-Power System-on-a-Chip
logo
Texas Instruments
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
logo
ON Semiconductor
NCV-RSL10 ONSEMI-NCV-RSL10 Datasheet
638Kb / 18P
   Bluetooth 5 Radio System-on-Chip (SoC) for Automotive
May, 2020 ??Rev. 1
logo
Texas Instruments
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com