Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2400 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400
Description  2.4 GHz Low-Power RF Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2400 Datasheet HTML 6Page - Texas Instruments CC2400 Datasheet HTML 7Page - Texas Instruments CC2400 Datasheet HTML 8Page - Texas Instruments CC2400 Datasheet HTML 9Page - Texas Instruments CC2400 Datasheet HTML 10Page - Texas Instruments CC2400 Datasheet HTML 11Page - Texas Instruments CC2400 Datasheet HTML 12Page - Texas Instruments CC2400 Datasheet HTML 13Page - Texas Instruments CC2400 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
CC2400
SWRS042A
Page 10 of 83
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Blocking / Desensitization*
(*out-of-band spurious response
rejection)
0.3 – 2.0 GHz
2.0 – 2.399 GHz
2.498 – 3.0 GHz
3 – 12.75 GHz
71
50
49
76
dB
dB
dB
dB
1 Mbps FSK wanted signal 3 dB
above the sensitivity level, sine-
wave interfering signal, BER =
10
−3.
Input IIP3
Out of band
In band
-5
-17
dBm
dBm
Measured directly by applying two
tones and measuring the
resulting difference tone
amplitude.
Image frequency suppression
56
dB
Ratio between sensitivity for a
signal at the image frequency and
the sensitivity in the wanted
channel with an inverted signal.
The image frequency is centered
-2 MHz from the center of the
wanted channel. The signal
source is 1Mbps, NRZ coded
data, ±250 kHz frequency
deviation, signal level for BER =
10
−3
Spurious reception
80
dB
Ratio between the sensitivity for
an unwanted frequency and the
sensitivity in the wanted channel.
The signal source is a 1 Mbps,
NRZ coded data, ±250 kHz
frequency deviation, swept over
all frequencies 2400 – 2483.5
MHz. Signal level for BER = 10
−3
Adjacent channels and image
channel are excluded.
Spurious emission
< 1 GHz
1 – 12.75 GHz
−70
−56
-57
-47
dBm
dBm
Complying with EN 300 440,
CFR47 Part 15 and ARIB STD-
T66
Table 4 RF Receive characteristics
9
AFC section
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
For 1Mbps and 1 MHz channel
width, AFC_SETTLING=4.
AFC range
± 500
kHz
Measured using an unmodulated
carrier.
AFC accuracy
5
kHz
Table 5 AFC characteristics


Similar Part No. - CC2400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400-RTB1 TI-CC2400-RTB1 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400-RTB1 TI-CC2400-RTB1 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400-RTR1 TI-CC2400-RTR1 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results

Similar Description - CC2400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
   2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
   2.4-GHz RF transceiver incorporating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com