Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2400SKRoHS Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2400SKRoHS
Description  2.4 GHz Low-Power RF Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400SKRoHS Datasheet(HTML) 1 Page - Texas Instruments

  CC2400SKRoHS Datasheet HTML 1Page - Texas Instruments CC2400SKRoHS Datasheet HTML 2Page - Texas Instruments CC2400SKRoHS Datasheet HTML 3Page - Texas Instruments CC2400SKRoHS Datasheet HTML 4Page - Texas Instruments CC2400SKRoHS Datasheet HTML 5Page - Texas Instruments CC2400SKRoHS Datasheet HTML 6Page - Texas Instruments CC2400SKRoHS Datasheet HTML 7Page - Texas Instruments CC2400SKRoHS Datasheet HTML 8Page - Texas Instruments CC2400SKRoHS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
CC2400
SWRS042A
Page 1 of 83
CC2400
2.4 GHz Low-Power RF Transceiver
Applications
• 2.4 GHz MHz ISM/SRD band systems
• Game controllers
• Sports and leisure equipment
• Wireless audio
• PC peripherals
• Advanced toys
Product Description
The
CC2400 is a true single-chip 2.4 GHz
RF transceiver designed for low-power
and low-voltage wireless applications. The
RF transceiver is integrated with a
baseband modem supporting data rates
up to 1 Mbps.
The
CC2400 is a low-cost, highly integrated
solution
enabling
robust
wireless
communication in the 2.4 - 2.4835 GHz
unlicensed ISM band. It is intended for
systems
compliant
with
world-wide
regulations covered by EN 300 440
(Europe), CFR47 Part 15 (US) and ARIB
STD-T66 (Japan).
Targeting a wide range of applications at
2.4 GHz, the
CC2400 supports over-the-air
data rates of 10 kbps, 250 kbps and
1 Mbps without requiring any modifications
to the hardware.
The
CC2400 provides extensive hardware
support
for
packet
handling,
data
buffering, burst transmissions, data coding
and error detection reducing the workload
on the host microcontroller.
The main operating parameters of
CC2400
can be programmed via an SPI-bus. In a
typical system
CC2400 will be used
together with a microcontroller and a few
external, passive components.
CC2400 is based on Chipcon’s SmartRF®-
03 technology in 0.18
µm CMOS.
Key Features
• True
single-chip
2.4
GHz
RF
transceiver with baseband modem
• 10 kbps, 250 kbps and 1 Mbps over-
the-air data rates
• Low current consumption (RX: 24 mA)
• Low core supply voltage (1.8 V)
• Programmable output power
• No external RF switch / filter needed
• I/Q low-IF receiver
• I/Q direct up-conversion transmitter
• Few external components
• FIFO allows bursting of data
• Packet handling hardware
• Data buffering
• Digital RSSI output
• Small size (QFN 48 package), 7x7 mm
• Reference design complies with EN
300 328, EN 300 440, FCC CFR47 part
15 and ARIB STD-T66
• Powerful and flexible development
tools available
• Easy-to-use software for generating the
CC2400 configuration data
This document contains information on a pre-production product. Specifications and information herein are subject to
change without notice.


Similar Part No. - CC2400SKRoHS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400SKROHS TI-CC2400SKROHS Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400SKROHS TI-CC2400SKROHS Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results

Similar Description - CC2400SKRoHS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
   2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
   2.4-GHz RF transceiver incorporating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com