Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM33 Datasheet(PDF) 5 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ZMM33
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM33 Datasheet(HTML) 5 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM33 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM33 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM33 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM33 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM33 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM33 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM33 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM33 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZMM1...ZMM200 SILICON PLANAR ZENER DIODES
K/W
10
1
1
0.1
0.1
1
1
10
10
100 mA
100 mA
10
10
1
100
100
1000
10
10
1
10
100 V
100
1000
10
10
10
10
10
10
1
10 S
2
-5
-4
-3
-2
-1
3
0.5
4.7
5.1
5.6
ZMM
2.7
3.6
ZMM...
ZMM...
ZMM
ZMM...
ZMM...
W
W
pF
IZ
Ctot
rzj
rzj
tp
Vz at Iz=5mA
Iz
Iz
Capacitance versus Zener
voltage
Pulse thermal resistance versus
pulse duration
Dynamic resistance versus
Zener current
Dynamic resistance versus
Zener current
0.2
0.1
v=0
0.05
0.02
0.01
tp
T
PI
tp
T
V=
V =1V
R
V =1V
R
V =2V
R
V =2V
R
T =25 C
J
T =25 C
J
T =25 C
J
33
22
18
15
12
10
6.8/8.2
6.2
27
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
85
-


Similar Part No. - ZMM33

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM33 SEMTECH-ZMM33 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Shenzhen Ping Sheng Ele...
ZMM33 PFS-ZMM33 Datasheet
147Kb / 2P
   ZENER DIODES
logo
Bytesonic Electronics C...
ZMM33 BYTESONIC-ZMM33 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Shanghai Lunsure Electr...
ZMM33 CHENYI-ZMM33 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
ZMM33 HTSEMI-ZMM33 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM33

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com