Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1021 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1021_16 Datasheet HTML 4Page - Texas Instruments CC1021_16 Datasheet HTML 5Page - Texas Instruments CC1021_16 Datasheet HTML 6Page - Texas Instruments CC1021_16 Datasheet HTML 7Page - Texas Instruments CC1021_16 Datasheet HTML 8Page - Texas Instruments CC1021_16 Datasheet HTML 9Page - Texas Instruments CC1021_16 Datasheet HTML 10Page - Texas Instruments CC1021_16 Datasheet HTML 11Page - Texas Instruments CC1021_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
RF Transmit (continued)
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V, fC = 14.7456
MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
433 MHz
–20 to +10
dBm
Delivered to 50
Ω single-ended load.
The output power is programmable
and should not be programmed to
Output power
exceed +10/+5 dBm at 433/868 MHz
868 MHz
–20 to +5
dBm
under any operating conditions. See
Section 5.11 for details.
At 2.3 V, +85°C
–4
dB
Output power
At maximum output power
tolerance
At 3.6 V, –40°C
3
dB
2nd harmonic, 433 MHz,
–50
dBc
+10 dBm
Harmonics are measured as EIRP
3rd harmonic, 433 MHz,
–50
dBc
values according to EN 300 220. The
+10 dBm
Harmonics,
antenna (SMAFF-433 and SMAFF-
radiated CW
2nd harmonic, 868 MHz,
868 from R.W. Badland) plays a part
–50
dBc
+5 dBm
in attenuating the harmonics.
3rd harmonic, 868 MHz,
–50
dBc
+5 dBm
433 MHz
–46
dBc
ACP is measured in a 100 kHz
bandwidth at ±100 kHz offset.
Adjacent channel
Modulation: 19.2 kBaud NRZ PN9
power (GFSK)
868 MHz
–42
dBc
sequence, ±19.8 kHz frequency
deviation.
433 MHz
60
kHz
Bandwidth for 99.5% of total average
Occupied
power.
bandwidth
Modulation: 19.2 kBaud NRZ PN9
868 MHz
60
kHz
(99.5%,GFSK)
sequence, ±19.8 kHz frequency
deviation.
19.2 kBaud, ±9.9 kHz
Bandwidth where the power
48
kHz
Modulation
frequency deviation
envelope of modulation equals
bandwidth,
–36 dBm. Spectrum analyzer
38.4 kBaud, ±19.8 kHz
868 MHz
106
kHz
RBW = 1 kHz.
frequency deviation
47 to 74 MHz,
At maximum output power,
87.5 to 118 MHz,
+10/+5 dBm at 433/868 MHz.
–54
dBm
174 to 230 MHz,
To comply with EN 300 220, FCC
470 to 862 MHz
CFR47 part 15 and ARIB STD-T96
an external (antenna) filter, as
9 kHz to 1 GHz
–36
dBm
implemented in the application circuit
in Figure 5-22, must be used and
tailored to each individual design to
reduce out-of-band spurious
emission levels.
Spurious emissions can be
measured as EIRP values according
to EN 300 220. The antenna
Spurious emission,
(SMAFF-433 and SMAFF-868 from
radiated CW
R.W. Badland) plays a part in
attenuating the spurious emissions.
If the output power is increased using
1 to 4 GHz
–30
dBm
an external PA, a filter must be used
to attenuate spurs below 862 MHz
when operating in the 868 MHz
frequency band in Europe.
Application Note Application Note
AN036 CC1020/1021 Reducing
Spurious Emission (SWRA057)
presents and discusses a solution
that reduces the TX mode spurious
emission close to 862 MHz by
increasing the REF_DIV from 1 to 7.
8
Specifications
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021


Similar Part No. - CC1021_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1021_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com