Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM2.7 Datasheet(PDF) 7 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ZMM2.7
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM2.7 Datasheet(HTML) 7 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM2.7 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.7 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.7 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.7 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.7 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.7 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.7 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM2.7 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZMM1...ZMM200 SILICON PLANAR ZENER DIODES
20
40
60
80
100
0
020406080
100
-1
-0.2
0
-0.1
0
0
20
20
40
40
60
60
80
80
100
100
-0.4
1
10
100 V
-0.2
0
0.2
0.4
0.6
0.8
1
1.6
1.2
1.4
120
120
140 C
140 C
1
0
2
0.1
3
0.2
4
0.3
5
0.4
6
0.5
7
0.6
8
0.7
9
0.8
ZMM...
V
V
ZMM...
mV/K
ZMM...
ZMM...
V
Vz at Iz=5mA
Change of Zener voltage from turn on
up to the point of thermal equilibrium
versus Zener voltage
-
Temperature dependence of
Zener voltage versus voltage
Change of Zener voltage
versus junction temperature
VZ
VZ
VZ
TJ
TJ
VZ
TJ
Iz=5mA
Iz=5mA
at Iz=5mA
Vz =35V
V bei I =5mA
ZZ
51V
36V
25
15
10
8
7
6.2
5.9
5.6
5.1
4.7
3.6
1
x)
x)
43V
V=r
I
I =5mA
Z
zth Z
Z
Vz at Iz=5mA
Change of Zener voltage
versus junction temperature
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
87
-


Similar Part No. - ZMM2.7

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM2.7 SEMTECH-ZMM2.7 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMM2.7 GE-ZMM2.7 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
Diotec Semiconductor
ZMM2.7 DIOTEC-ZMM2.7 Datasheet
1Mb / 4P
   Surface mount Silicon Planar Zener Diodes
logo
EIC discrete Semiconduc...
ZMM2.7 EIC-ZMM2.7 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Diotec Semiconductor
ZMM2.7 DIOTEC-ZMM2.7 Datasheet
94Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM2.7

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com