Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3475 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3475
Description  VHF-and UHF-band Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3475 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3475 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3475 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3475 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3475 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3475
2002-01-09
3
Note 2: These are only typical curves and devices are not necessarily guaranteed at these curves.
100
40
0
100
60
40
20
0
80
20
60
80
f
= 520 MHz
VDS = 7.2 V
Iidle = 50 mA
Tc
= 100°C
25°C
-20°C
60°C
100
40
0
1.4
0.6
0.4
0.2
0
0.8
20
60
80
f
= 520 MHz
VDS = 7.2 V
Iidle = 50 mA
1.0
1.2
Tc
= 100°C
25°C
-20°C
60°C
100
40
0
1.4
0.6
0.4
0.2
0
0.8
20
60
80
f
= 520 MHz
VDS = 7.2 V
Tc
= 25°C
Iidle = 30 mA
70 mA
1.0
1.2
50 mA
Input power Pi (mW)
PO – Pi
Input power Pi (mW)
hD – Pi
Input power Pi (mW)
PO – Pi
Input power Pi (mW)
hD – Pi
Input power Pi (mW)
PO – Pi
Input power Pi (mW)
hD – Pi
100
40
0
100
60
40
20
0
80
20
60
80
f
= 520 MHz
Iidle = 50 mA
Tc
= 25°C
VDS = 6.0 V
7.2 V
9.6 V
100
40
0
100
60
40
20
0
80
20
60
80
f
= 520 MHz
VDS = 7.2 V
Tc
= 25°C
Iidle = 30 mA
50 mA
70 mA
100
40
0
2.5
1.5
1.0
0.5
0
2.0
20
60
80
f
= 520 MHz
Iidle = 50 mA
Tc
= 25°C
VDS = 6.0 V
7.2 V
9.6 V


Similar Part No. - 2SK3475

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3475 TOSHIBA-2SK3475 Datasheet
157Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3475 TOSHIBA-2SK3475 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3475 TOSHIBA-2SK3475_07 Datasheet
157Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
More results

Similar Description - 2SK3475

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RFM01U7P TOSHIBA-RFM01U7P Datasheet
167Kb / 5P
   VHF- and UHF-band Amplifier Applications
RFM12U7X TOSHIBA-RFM12U7X Datasheet
182Kb / 5P
   VHF- and UHF-band Amplifier Applications
RFM04U6P TOSHIBA-RFM04U6P Datasheet
205Kb / 5P
   VHF- and UHF-band Amplifier Applications
RFM00U7U TOSHIBA-RFM00U7U Datasheet
169Kb / 4P
   VHF- and UHF-band Amplifier Applications
MT3S16U TOSHIBA-MT3S16U Datasheet
132Kb / 3P
   VHF~UHF Band Oscillator and Amplifier Applications
2SK3077A TOSHIBA-2SK3077A Datasheet
113Kb / 5P
   VHF/UHF Band Amplifier Applications
MT3S16T TOSHIBA-MT3S16T Datasheet
132Kb / 3P
   VHF~UHF Band Oscillator and Amplifier Applications
TA4022F TOSHIBA-TA4022F Datasheet
236Kb / 8P
   VHF-UHF Wide Band Amplifier Applications
TA4000F TOSHIBA-TA4000F Datasheet
140Kb / 4P
   VHF~UHF WIDE BAND AMPLIFIER APPLICATIONS
TA4023F TOSHIBA-TA4023F Datasheet
249Kb / 8P
   VHF-UHF Wide Band Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com