Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT11377N Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11377N
Description  OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11377N Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11377N Datasheet HTML 1Page - Texas Instruments 74ACT11377N Datasheet HTML 2Page - Texas Instruments 74ACT11377N Datasheet HTML 3Page - Texas Instruments 74ACT11377N Datasheet HTML 4Page - Texas Instruments 74ACT11377N Datasheet HTML 5Page - Texas Instruments 74ACT11377N Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74ACT11377
OCTAL DTYPE FLIPFLOP
WITH CLOCK ENABLE
SCAS129 − D3450, MARCH 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Inputs Are TTL-Voltage Compatible
Contains Eight D-Type Flip-Flops
Clock Enable Latched to Avoid False
Clocking
Applications Include:
Buffer/Storage Registers
Shift Registers
Pattern Generators
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic
Small-Outline Packages, Plastic Shrink
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
These circuits are positive-edge-triggered D-type flip-flops with a clock enable input.
Information at the D inputs meeting the setup time requirements is transferred to the Q outputs on the
positive-going edge of the clock pulse if CLKEN is low. Clock triggering occurs at a particular voltage level and
is not directly related to the transition time of the positive-going pulse. When the clock input is at either the high
or low level, the D input signal has no effect at the output. The circuits are designed to prevent false clocking
by transitions at the CLKEN input.
The 74ACT11377 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
CLKEN
CLK
D
OUTPUT
Q
H
X
X
Q0
L
HH
L
LL
X
L
X
Q0
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1Q
2Q
3Q
4Q
GND
GND
GND
GND
5Q
6Q
7Q
8Q
CLKEN
1D
2D
3D
4D
VCC
VCC
5D
6D
7D
8D
CLK
DB, DW OR NT PACKAGE
(TOP VIEW)
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 74ACT11377N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11377N PHILIPS-74ACT11377N Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
74ACT11377N TI1-74ACT11377N Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
74ACT11377NT TI-74ACT11377NT Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results

Similar Description - 74ACT11377N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
logo
National Semiconductor ...
54ABT377 NSC-54ABT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com