Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1 Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # A1
Description  Surface Mount Glass Passivated Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

A1 Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  A1 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd A1 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A1 THRU A7
Surface Mount Glass Passivated Rectifier
Reverse Voltage - 50 to 1000 Volts
Forward Current -1.0Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case:
FL molded plastic
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:
SOD-123
0.01 gram
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave 60Hz,,resistive or inductive
load. For capacitive load, derate by 20%.)
°
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free molded plastic technique
For surface mounted applications
Built-in strain relief, ideal for automated placement
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHs 2011 65 EU
//
°
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm)lead length,
P.C.B. mounted
Maximum Recurrent Peak Reverse Voltage
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
VRRM
Volts
Volts
Volts
Volts
Amp
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum average Forward Rectified Current
Maximum Instantaneous Forward Voltage
at 1.0 A
Typical Thermal resistance (Note 2)
Typical Junction Capacitance(Note 1)
Maximum Reverse
current at rated DC Blocking
Voltage
Peak Forward Surge Current (8.3ms half sine-
wave superimposed on rated load
(JEDEC method)
1.0
30.0
4
5
50.0
1.1
P
F
°C/W
°C
CJ
TJ
-55 to+150
RθJA
170
Operating and Storage temperature Range
R
SEMICONDUCT OR
A1
A2
A3
A4
A5
A6
A7
Symbols
Units
JF
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-1
SOD-123FL
Dimensions in inches and (millimeters)
0.040(1.00 )
0.024(0.60)
0.077(1.95 )
0.061(1.55)
0.114(2.90 )
0.098(2.50)
0.154(3.90)
0.138(3.50)
0.008(0.20)
MAX
5
°
0.053(1.20)
0.037(0.95)
0.043(1.10)
0.020(0.50)
T =25 C
A
°
T =125 C
A
°
μA


Similar Description - A1

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com