Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6289 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1N6289
Description  1500 Watt MosorbE Zener Transient Voltage Transient Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N6289 Datasheet(HTML) 4 Page - ON Semiconductor

  1N6289 Datasheet HTML 1Page - ON Semiconductor 1N6289 Datasheet HTML 2Page - ON Semiconductor 1N6289 Datasheet HTML 3Page - ON Semiconductor 1N6289 Datasheet HTML 4Page - ON Semiconductor 1N6289 Datasheet HTML 5Page - ON Semiconductor 1N6289 Datasheet HTML 6Page - ON Semiconductor 1N6289 Datasheet HTML 7Page - ON Semiconductor 1N6289 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1N6267A Series
http://onsemi.com
4
Figure 1. Pulse Rating Curve
100
80
60
40
20
0
0
25
50
75
100 125 150 175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 2. Pulse Derating Curve
5
4
3
2
1
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE (°C)
3/8″
3/8″
0
0
100
50
0
01
2
3
4
t, TIME (ms)
tr
tP
PEAK VALUE - IPP
HALF VALUE -
IPP
2
PULSE WIDTH (tP) IS DEFINED AS
THAT POINT WHERE THE PEAK
CURRENT DECAYS TO 50% OF IPP.
tr ≤ 10 ms
1 ms
10 ms
100 ms
1 ms
10 ms
100
10
1
tP, PULSE WIDTH
NONREPETITIVE
PULSE WAVEFORM
SHOWN IN FIGURE 5
0.1 ms
Figure 3. Capacitance versus Breakdown Voltage
1N6267A/1.5KE6.8A
through
1N6303A/1.5KE200A
VBR, BREAKDOWN VOLTAGE (VOLTS)
1
10
100
1000
10,000
1000
100
10
MEASURED @ VRWM
MEASURED @
ZERO BIAS
Figure 4. Steady State Power Derating
Figure 5. Pulse Waveform
1N6373, ICTE-5, MPTE-5,
through
1N6389, ICTE-45, C, MPTE-45, C
VBR, BREAKDOWN VOLTAGE (VOLTS)
1
10
100
1000
10,000
1000
100
10
MEASURED @
ZERO BIAS
MEASURED @ VRWM


Similar Part No. - 1N6289

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6289 TRSYS-1N6289 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6289 VISHAY-1N6289 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
MDE Semiconductor, Inc.
1N6289 MDE-1N6289 Datasheet
399Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1N6289 DCCOM-1N6289 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6289 CHONGQING-1N6289 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6289

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com