Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6282A Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1N6282A
Description  1500 Watt MosorbE Zener Transient Voltage Transient Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N6282A Datasheet(HTML) 3 Page - ON Semiconductor

  1N6282A Datasheet HTML 1Page - ON Semiconductor 1N6282A Datasheet HTML 2Page - ON Semiconductor 1N6282A Datasheet HTML 3Page - ON Semiconductor 1N6282A Datasheet HTML 4Page - ON Semiconductor 1N6282A Datasheet HTML 5Page - ON Semiconductor 1N6282A Datasheet HTML 6Page - ON Semiconductor 1N6282A Datasheet HTML 7Page - ON Semiconductor 1N6282A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1N6267A Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 3) = 100 A)
VRWM
Breakdown Voltage
VC @ IPP (Note 7)
JEDEC
Device
VRWM
(Note 5)
IR @ VRWM
VBR (Note 6) (Volts)
@ IT
VC
IPP
QVBR
Device
Device
(Note 4)
(Volts)
(
mA)
Min
Nom
Max
(mA)
(Volts)
(A)
(%/
°C)
1.5KE6.8A
1N6267A
5.8
1000
6.45
6.8
7.14
10
10.5
143
0.057
1.5KE7.5A
1N6268A
6.4
500
7.13
7.5
7.88
10
11.3
132
0.061
1.5KE8.2A
1N6269A
7.02
200
7.79
8.2
8.61
10
12.1
124
0.065
1.5KE9.1A
1N6270A
7.78
50
8.65
9.1
9.55
1
13.4
112
0.068
1.5KE10A
1N6271A
8.55
10
9.5
10
10.5
1
14.5
103
0.073
1.5KE11A
1N6272A
9.4
5
10.5
11
11.6
1
15.6
96
0.075
1.5KE12A
1N6273A
10.2
5
11.4
12
12.6
1
16.7
90
0.078
1.5KE13A
1N6274A
11.1
5
12.4
13
13.7
1
18.2
82
0.081
1.5KE15A
1N6275A
12.8
5
14.3
15
15.8
1
21.2
71
0.084
1.5KE16A
1N6276A
13.6
5
15.2
16
16.8
1
22.5
67
0.086
1.5KE18A
1N6277A
15.3
5
17.1
18
18.9
1
25.2
59.5
0.088
1.5KE20A
1N6278A
17.1
5
19
20
21
1
27.7
54
0.09
1.5KE22A
1N6279A
18.8
5
20.9
22
23.1
1
30.6
49
0.092
1.5KE24A
1N6280A
20.5
5
22.8
24
25.2
1
33.2
45
0.094
1.5KE27A
1N6281A
23.1
5
25.7
27
28.4
1
37.5
40
0.096
1.5KE30A
1N6282A
25.6
5
28.5
30
31.5
1
41.4
36
0.097
1.5KE33A
1N6283A
28.2
5
31.4
33
34.7
1
45.7
33
0.098
1.5KE36A
1N6284A
30.8
5
34.2
36
37.8
1
49.9
30
0.099
1.5KE39A
1N6285A
33.3
5
37.1
39
41
1
53.9
28
0.1
1.5KE43A
1N6286A
36.8
5
40.9
43
45.2
1
59.3
25.3
0.101
1.5KE47A
1N6287A
40.2
5
44.7
47
49.4
1
64.8
23.2
0.101
1.5KE51A
1N6288A
43.6
5
48.5
51
53.6
1
70.1
21.4
0.102
1.5KE56A
1N6289
47.8
5
53.2
56
58.8
1
77
19.5
0.103
1.5KE62A
1N6290A
53
5
58.9
62
65.1
1
85
17.7
0.104
1.5KE68A
1N6291A
58.1
5
64.6
68
71.4
1
92
16.3
0.104
1.5KE75A
1N6292A
64.1
5
71.3
75
78.8
1
103
14.6
0.105
1.5KE82A
1N6293A
70.1
5
77.9
82
86.1
1
113
13.3
0.105
1.5KE91A
1N6294A
77.8
5
86.5
91
95.5
1
125
12
0.106
1.5KE100A
1N6295A
85.5
5
95
100
105
1
137
11
0.106
1.5KE110A
1N6296A
94
5
105
110
116
1
152
9.9
0.107
1.5KE120A
1N6297A
102
5
114
120
126
1
165
9.1
0.107
1.5KE130A
1N6298A
111
5
124
130
137
1
179
8.4
0.107
1.5KE150A
1N6299A
128
5
143
150
158
1
207
7.2
0.108
1.5KE160A
1N6300A
136
5
152
160
168
1
219
6.8
0.108
1.5KE170A
1N6301A
145
5
162
170
179
1
234
6.4
0.108
1.5KE180A
1N6302A*
154
5
171
180
189
1
246
6.1
0.108
1.5KE200A
1N6303A
171
5
190
200
210
1
274
5.5
0.108
1.5KE220A
185
5
209
220
231
1
328
4.6
0.109
1.5KE250A
214
5
237
250
263
1
344
5
0.109
3. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
4. Indicates JEDEC registered data
5. A transient suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or
greater than the dc or continuous peak operating voltage level.
6. VBR measured at pulse test current IT at an ambient temperature of 25°C
7. Surge current waveform per Figure 5 and derate per Figures 1 and 2.
*Not Available in the 1500/Tape & Reel


Similar Part No. - 1N6282A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6282A TRSYS-1N6282A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6282A VISHAY-1N6282A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Galaxy Semi-Conductor H...
1N6282A BILIN-1N6282A Datasheet
119Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6282A VISHAY-1N6282A Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Dc Components
1N6282A DCCOM-1N6282A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6282A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com