Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWU1223KC9 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWU1223KC9
Description  Stacked Metallized PEN Film Chip Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU1223KC9 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWU1223KC9 Datasheet HTML 1Page - Panasonic Semiconductor ECWU1223KC9 Datasheet HTML 2Page - Panasonic Semiconductor ECWU1223KC9 Datasheet HTML 3Page - Panasonic Semiconductor ECWU1223KC9 Datasheet HTML 4Page - Panasonic Semiconductor ECWU1223KC9 Datasheet HTML 5Page - Panasonic Semiconductor ECWU1223KC9 Datasheet HTML 6Page - Panasonic Semiconductor ECWU1223KC9 Datasheet HTML 7Page - Panasonic Semiconductor ECWU1223KC9 Datasheet HTML 8Page - Panasonic Semiconductor ECWU1223KC9 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC22−
Plastic Film Capacitors
Stacked Metallized PEN Film Chip Capacitor
Type:
ECWU(C)
Stacked metallized PEN film as dielectric with simple
mold-less construction
■Features
Small in size
For reflow soldering
RoHS directive compliant
■Recommended Applications
General purpose (Coupling, By-pass)
■Explanation of Part Numbers
■Specifications
12
34
567
89
10
11
12
E
C
W
U
Product code
Dielectric &
construction
Rated voltage
Nominal capacitance
C
Cap. Tol. Suffix
Suffix
9
12 mm
V
16 mm
Tape width
1
2
100 VDC
250 VDC
12
34
567
89
10
11
E
C
W
U
1
1
0
4
V
Product code
Dielectric &
construction
Rated voltage
capacitance
3
3
Suffix
12
34
567
89
10
11
12
E
C
W
U
C
2
J
Product code
Dielectric &
construction
Suffix
Rated voltage
J
V
capacitance
Cap. Tol. Suffix
J
±5%
V
16 mm
Tape width
2
630 VDC
Small in sizu, Cap. Tol.:±5 %, Tape width:12 mm
1
100 VDC
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please
refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
❈ Please consult us for capacitance range between 0.15 µF and 1.0 µF. ( 250 VDC)
Capacitance tolerance
Capacitance range
Withstand voltage
Category temp.range
(Including temperature-rise on unit surface)
Between terminals: Rated volt. (VDC)
✕150 % 60 s
Soldering conditions
-55 ˚C to +125 ˚C
0.012 µF to 1.0 µF (E12)
0.0010 µF to 0.12 µF (E12)
0.022 µF, 0.027 µF, 0.033 µF
Insulation resistance (IR)
Dissipation factor (tan )
Reflow soldering : 240 ˚C max. and 60 s max. at more than 220 ˚C (Temp. at cap. surface)
(Please consult us for Reflow 250 ˚C max. product.)
Reflow soldering : 250 ˚C max. and 60 s to 150s. at more than 217 ˚C
(Temp. at cap. surface)
tan <
=1.0 %(20 ˚C, 1 kHz)
C>0.33 µF
C<
=0.33 µF
100 VDC, 250 VDC, 630 VDC : IR>
=3000 M
Ω · (20 ˚C,100 VDC, 60 s)
100 VDC : IR>
=1000 M
Ω · µF (20 ˚C,100 VDC, 60 s)
100 VDC
250 VDC
630 VDC
100 VDC
250 VDC
630 VDC
100 VDC
250 VDC
630 VDC
±5 %(J), ±10 %(K) (C>
=0.18 µF : ±10 %(K)only)
±5 %(J), ±10 %(K)
±5 %(J)
Rated voltage
100 VDC, 250 VDC, 630 VDC
(Derating of rated voltage by 1.25 %/˚C more than 85 ˚C)
J
±5 %
K ±10 %
p Œ ¯ ¶
‚ P1 ‘32
12.11.14 20:49
y [ W
22


Similar Part No. - ECWU1223KC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1223C9 PANASONIC-ECWU1223C9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1223C9 PANASONIC-ECWU1223C9 Datasheet
65Kb / 3P
   Plastic Film Capacitors
ECWU1223JC9 PANASONIC-ECWU1223JC9 Datasheet
55Kb / 2P
   Film Chip Capacitor
More results

Similar Description - ECWU1223KC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com