Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC16620DLR Datasheet(PDF) 5 Page - Texas Instruments

Part # 74AC16620DLR
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC16620DLR Datasheet(HTML) 5 Page - Texas Instruments

  74AC16620DLR Datasheet HTML 1Page - Texas Instruments 74AC16620DLR Datasheet HTML 2Page - Texas Instruments 74AC16620DLR Datasheet HTML 3Page - Texas Instruments 74AC16620DLR Datasheet HTML 4Page - Texas Instruments 74AC16620DLR Datasheet HTML 5Page - Texas Instruments 74AC16620DLR Datasheet HTML 6Page - Texas Instruments 74AC16620DLR Datasheet HTML 7Page - Texas Instruments 74AC16620DLR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
54AC16620, 74AC16620
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS239A – JULY 1990 – REVISED APRIL 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC16620
74AC16620
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
2.7
6.1
8.7
2.7
9.7
2.7
9.7
ns
tPHL
A or B
B or A
3.9
7.9
10.6
3.9
11.7
3.9
11.7
ns
tPZH
OEBA
A
3.2
7.1
10
3.2
11.2
3.2
11.2
ns
tPZL
OEBA
A
4.5
11.1
13.5
4.5
15
4.5
15
ns
tPHZ
OEBA
A
5.3
7.4
9.5
5.3
10.2
5.3
10.2
ns
tPLZ
OEBA
A
4.6
7
9.2
4.6
9.8
4.6
9.8
ns
tPZH
OEAB
B
3.1
6.7
9.5
3.1
10.7
3.1
10.7
ns
tPZL
OEAB
B
4.4
9.6
13
4.4
14.5
4.4
14.5
ns
tPHZ
OEAB
B
5
7.1
9.3
5
9.8
5
9.8
ns
tPLZ
OEAB
B
4.4
6.8
8.9
4.4
9.4
4.4
9.4
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC16620
74AC16620
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
BorA
2.1
3.9
6.1
2.1
6.8
2.1
6.8
ns
tPHL
A or B
B or A
3.1
4.9
7.3
3.1
8.2
3.1
8.2
ns
tPZH
OEBA
A
2.2
4.3
6.8
2.2
7.6
2.2
7.6
ns
tPZL
OEBA
A
3.3
5.5
8.4
3.3
9.4
3.3
9.4
ns
tPHZ
OEBA
A
4.9
6.6
8.6
4.9
9.2
4.9
9.2
ns
tPLZ
OEBA
A
4.1
5.8
7.8
4.1
8.3
4.1
8.3
ns
tPZH
OEAB
B
2.2
4.2
6.5
2.2
7.3
2.2
7.3
ns
tPZL
OEAB
B
3.4
5.4
8.1
3.4
9.1
3.4
9.1
ns
tPHZ
OEAB
B
4.6
6.4
8.5
4.6
9
4.6
9
ns
tPLZ
OEAB
B
4.1
5.6
7.6
4.1
8
4.1
8
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per transceiver
Outputs enabled
CL =50 pF
f=1MHz
49
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
6
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - 74AC16620DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC16620DLR TI-74AC16620DLR Datasheet
128Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC16620DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Maxwell Technologies
54LVTH162245 MAXWELL-54LVTH162245 Datasheet
222Kb / 10P
   16-Bit Bus Transceivers with 3-State Outputs
logo
Texas Instruments
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com