Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8914BRGER Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8914BRGER
Description  ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8914BRGER Datasheet(HTML) 4 Page - Texas Instruments

  ADS8914BRGER Datasheet HTML 1Page - Texas Instruments ADS8914BRGER Datasheet HTML 2Page - Texas Instruments ADS8914BRGER Datasheet HTML 3Page - Texas Instruments ADS8914BRGER Datasheet HTML 4Page - Texas Instruments ADS8914BRGER Datasheet HTML 5Page - Texas Instruments ADS8914BRGER Datasheet HTML 6Page - Texas Instruments ADS8914BRGER Datasheet HTML 7Page - Texas Instruments ADS8914BRGER Datasheet HTML 8Page - Texas Instruments ADS8914BRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
4
ADS8910B
ADS8912B
ADS8914B
SBAS707A – JUNE 2016 – REVISED JULY 2016
www.ti.com
Product Folder Links: ADS8910B ADS8912B ADS8914B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
FUNCTION
DESCRIPTION
NAME
NO.
SDO-0
20
Digital output
Serial communication pin: data output 0
SDO-1
19
Digital output
Serial communication pin: data output 1
SDO-2
18
Digital output
Serial communication pin: data output 2
SDO-3
17
Digital output
Serial communication pin: data output 3
Thermal pad
Supply
Exposed thermal pad; connect to GND.


Similar Part No. - ADS8914BRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGER TI1-ADS8900BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGET TI1-ADS8900BRGET Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902B TI1-ADS8902B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902BRGER TI1-ADS8902BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
More results

Similar Description - ADS8914BRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8920B TI1-ADS8920B Datasheet
125Kb / 6P
[Old version datasheet]   ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
logo
Linear Technology
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
   16-/18-Bit, Octal 200ksps SAR ADCs
logo
Texas Instruments
REF6025 TI1-REF6025 Datasheet
2Mb / 37P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com