Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8506IDWG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS8506IDWG4
Description  12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8506IDWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8506IDWG4 Datasheet HTML 4Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 5Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 6Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 7Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 8Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 9Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 10Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 11Page - Texas Instruments ADS8506IDWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
50
60
70
80
90
0
1
10
100
1000
f-Frequency-kHz
f =0dB
i
50
60
70
80
90
0
1
10
100
1000
f-Frequency-kHz
f =0dB
i
60
70
80
90
100
0
1
10
100
1000
f-Frequency-kHz
f =0dB
i
-110
-100
-90
-80
-70
-60
0
1
10
100
1000
f-Frequency-kHz
f =0dB
i
0
1
2
3
4
5
6
7
8
9
10
ESR- W
-110
-105
-100
-95
-90
-85
-80
f =10kHz,0dB
i
75
80
85
90
95
100
105
110
115
0
1
2
3
4
5
6
7
8
9
10
ESR- W
f =10kHz,0dB
i
-80
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
1M
Power-SupplyRippleFrequency-Hz
Silicon TestedUnder
5VUnipolarRange
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
7
8
9
10
ESR- W
f =10kHz,0dB
i
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
7
8
9
10
ESR- W
f =10kHz,0dB
i
ADS8506
SLAS484B – SEPTEMBER 2007 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE AND DISTORTION
SPURIOUS FREE DYNAMIC RANGE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
TOTAL HARMONIC DISTORTION
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
EQUIVALENT SERIES RESISTOR
EQUIVALENT SERIES RESISTOR
Figure 19.
Figure 20.
Figure 21.
OUTPUT REJECTION
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE AND DISTORTION
vs
vs
vs
POWER-SUPPLY RIPPLE
EQUIVALENT SERIES RESISTOR
EQUIVALENT SERIES RESISTOR
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8506


Similar Part No. - ADS8506IDWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8506IDW BURR-BROWN-ADS8506IDW Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506IDWR BURR-BROWN-ADS8506IDWR Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Similar Description - ADS8506IDWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com