Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8484IBRGZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8484IBRGZT
Description  18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8484IBRGZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8484IBRGZT Datasheet HTML 4Page - Texas Instruments ADS8484IBRGZT Datasheet HTML 5Page - Texas Instruments ADS8484IBRGZT Datasheet HTML 6Page - Texas Instruments ADS8484IBRGZT Datasheet HTML 7Page - Texas Instruments ADS8484IBRGZT Datasheet HTML 8Page - Texas Instruments ADS8484IBRGZT Datasheet HTML 9Page - Texas Instruments ADS8484IBRGZT Datasheet HTML 10Page - Texas Instruments ADS8484IBRGZT Datasheet HTML 11Page - Texas Instruments ADS8484IBRGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ti.com
PIN ASSIGNMENTS
+VBD
BUS18/16
BYTE
CONVST
RD
CS
+VA
AGND
AGND
+VA
REFM
REFM
RGZ PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
+VBD
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
AGND
AGND
+VA
NC − No internal connection
NOTE: The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
ADS8484
SLAS511 – NOVEMBER 2007
TERMINAL FUNCTIONS
NAME
NO
I/O
DESCRIPTION
8, 9, 17, 20,
AGND
23, 24, 26,
Analog ground
27
BDGND
37
Digital ground for bus interface digital supply
BUSY
48
O
Status output. High when a conversion is in progress.
Bus size select input. Used for selecting 18-bit or 16-bit wide bus transfer.
0: Data bits output on the 18-bit data bus pins DB[17:0].
BUS18/16
2
I
1: Last two data bits D[1:0] from 18-bit wide bus output on:
a) the low byte pins DB[9:2] if BYTE = 0
b) the high byte pins DB[17:10] if BYTE = 1
Byte select input. Used for 8-bit bus reading.
BYTE
3
I
0: No fold back
1: Low byte D[9:2] of the 16 most significant bits is folded back to high byte of the 16 most significant pins DB[17:10].
CONVST
4
I
Convert start. The falling edge of this input ends the acquisition period and starts the hold period.
CS
6
I
Chip select. The falling edge of this input starts the acquisition period.
8-BIT BUS
16-BIT BUS
18-BIT BUS
Data Bus
BYTE = 0
BYTE = 1
BYTE = 1
BYTE = 0
BYTE = 0
BYTE = 0
BUS18/16 = 0
BUS18/16 = 0
BUS18/16 = 1
BUS18/16 = 0
BUS18/16 = 1
BUS18/16 = 0
DB17
28
O
D17 (MSB)
D9
All ones
D17 (MSB)
All ones
D17 (MSB)
DB16
29
O
D16
D8
All ones
D16
All ones
D16
DB15
30
O
D15
D7
All ones
D15
All ones
D15
DB14
31
O
D14
D6
All ones
D14
All ones
D14
DB13
32
O
D13
D5
All ones
D13
All ones
D13
DB12
33
O
D12
D4
All ones
D12
All ones
D12
DB11
34
O
D11
D3
D1
D11
All ones
D11
DB10
35
O
D10
D2
D0 (LSB)
D10
All ones
D10
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8484


Similar Part No. - ADS8484IBRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8484IBRGZT TI1-ADS8484IBRGZT Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484IBRGZTG4 TI1-ADS8484IBRGZTG4 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
More results

Similar Description - ADS8484IBRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com