Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8380 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8380
Description  18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8380 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8380 Datasheet HTML 2Page - Texas Instruments ADS8380 Datasheet HTML 3Page - Texas Instruments ADS8380 Datasheet HTML 4Page - Texas Instruments ADS8380 Datasheet HTML 5Page - Texas Instruments ADS8380 Datasheet HTML 6Page - Texas Instruments ADS8380 Datasheet HTML 7Page - Texas Instruments ADS8380 Datasheet HTML 8Page - Texas Instruments ADS8380 Datasheet HTML 9Page - Texas Instruments ADS8380 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
www.ti.com
TIMING CHARACTERISTICS
(1) (2) (3) (4)
ADS8380
SLAS387A – NOVEMBER 2004 – REVISED DECEMBER 2004
ADS8380I/ADS8380IB
REF
PARAMETER
UNIT
FIGURE
MIN
TYP
MAX
CONVERSION AND SAMPLING
td1
Delay time, conversion start command to conversion start (aperture delay)
10
ns
41,43
td2
Delay time, conversion end to BUSY fall
5
ns
41 – 43
td4
Delay time, conversion start command to BUSY rise
20
ns
41
td3
Delay time, CONVST rise to sample start
5
ns
43
td5
Delay time, CS fall to sample start
10
ns
43
td6
Delay time, conversion abort command to BUSY fall
10
ns
44
DATA READ OPERATION
td12 Delay time, CS fall to MSB valid
3
15
ns
45
td15 Delay time, FS rise to MSB valid
6
18
ns
46,47
td7
Delay time, BUSY fall to MSB valid (if FS is high when BUSY falls)
18
ns
47
td13 Delay time, SCLK rise to bit valid
2
10
ns
45– 47
td14 Delay time, CS rise to SDO 3-state
6
ns
45
MISCELLANEOUS
td10 Delay time, PD rise to SDO 3-state
55
ns
53,54
Nap mode
300
ns
55
Delay time, total
Full power down (external reference used with or without
td11 + 2x
54
td18 device resume
1-µF||0.1-µF capacitor on REFOUT)
conversions
time
Full power down (internal reference used with or without
25(4)
ms
53
1-µF||0.1-µF capacitor on REFOUT)
td11 Delay time, untrimmed circuit full power-down resume time
1
ms
53,54
Delay time, device
Nap
200
ns
55
td16 power-down time
Full power down (internal/external reference used)
10
µs
53,54
Delay time, trimmed internal reference settling (either by turning on supply or
td17
4
ms
53
resuming from full power-down mode), with 1-µF||0.1-µF capacitor on REFOUT
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
All specifications typical at –40°C to 85°C, +VA = +4.75 V to +5.25 V, +VBD = +2.7 V to +5.25 V.
(3)
All digital output signals loaded with 10-pF capacitors.
(4)
Including td11, two conversions (time to cycle CONVST twice), and td17.
6
Submit Documentation Feedback


Similar Part No. - ADS8380

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8380 BURR-BROWN-ADS8380 Datasheet
1Mb / 29P
   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380 BURR-BROWN-ADS8380 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8380IBRHPR BURR-BROWN-ADS8380IBRHPR Datasheet
1Mb / 29P
   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380IBRHPT BURR-BROWN-ADS8380IBRHPT Datasheet
1Mb / 29P
   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380IRHPR BURR-BROWN-ADS8380IRHPR Datasheet
1Mb / 29P
   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results

Similar Description - ADS8380

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8380 BURR-BROWN-ADS8380 Datasheet
1Mb / 29P
   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8370 BURR-BROWN-ADS8370 Datasheet
782Kb / 29P
   16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8370 TI1-ADS8370 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8372 TI1-ADS8372 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8372 BURR-BROWN-ADS8372_13 Datasheet
1Mb / 36P
   16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com