Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8325IDGKTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8325IDGKTG4
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8325IDGKTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8325IDGKTG4 Datasheet HTML 2Page - Texas Instruments ADS8325IDGKTG4 Datasheet HTML 3Page - Texas Instruments ADS8325IDGKTG4 Datasheet HTML 4Page - Texas Instruments ADS8325IDGKTG4 Datasheet HTML 5Page - Texas Instruments ADS8325IDGKTG4 Datasheet HTML 6Page - Texas Instruments ADS8325IDGKTG4 Datasheet HTML 7Page - Texas Instruments ADS8325IDGKTG4 Datasheet HTML 8Page - Texas Instruments ADS8325IDGKTG4 Datasheet HTML 9Page - Texas Instruments ADS8325IDGKTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS8325
SBAS226C – MARCH 2002 – REVISED AUGUST 2007
ELECTRICAL CHARACTERISTICS: VDD = +2.7V (continued)
Over recommended operating free-air temperature at –40
°C to +85°C, V
REF = +2.5V, –IN = GND, fSAMPLE = 100kHz, and fCLK
= 24
× f
SAMPLE, unless otherwise noted.
ADS8325I
ADS8325IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DIGITAL OUTPUTS(2)
Logic family
LVCMOS
LVCMOS
High-level output voltage
VOH VDD = 2.7V, IOH = –100μA
VDD – 0.2
VDD – 0.2
V
Low-level output voltage
VOL VDD = 2.7V, IOL = 100μA
0.2
0.2
V
High-impedance-state output
IOZ CS = VDD, VI = VDD or GND
±50
±50
±50
nA
current
Output capacitance
CO
5
5
pF
Load capacitance
CL
30
30
pF
Data format
Straight Binary
Straight Binary
(2)
Applies for 3.0V nominal supply: VDD (min) = 2.7V and VDD (max) = 3.6V.
Over recommended operating free-air temperature at –40
°C to +85°C, V
REF = VDD, –IN = GND, fSAMPLE = 100kHz, and fCLK =
24
× f
SAMPLE, unless otherwise noted.
ADS8325I
ADS8325IB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
POWER-SUPPLY REQUIREMENTS
Low-voltage levels
2.7
3.6
2.7
3.6
V
Power supply
VDD
5V logic levels
4.5
5.5
4.5
5.5
V
VDD = 3V
0.75
1.5
0.75
1.5
mA
Operating supply current
IDD
VDD = 5V
0.9
1.5
0.9
1.5
mA
VDD = 3V
0.1
0.1
μA
Power-down supply current
(IDD
VDD = 5V
0.2
0.2
μA
VDD = 3V
2.25
4.5
2.25
4.5
mW
Power dissipation
VDD = 5V
4.5
7.5
4.5
7.5
mW
VDD = 3V, CS = VDD
0.3
0.3
μW
Power dissipation in power-down
VDD = 5V, CS = VDD
0.6
0.6
μW
6
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8325


Similar Part No. - ADS8325IDGKTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8325IDGKT BURR-BROWN-ADS8325IDGKT Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8325IDGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com