Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7960QDBTRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7960QDBTRQ1
Description  ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7960QDBTRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7960QDBTRQ1 Datasheet HTML 6Page - Texas Instruments ADS7960QDBTRQ1 Datasheet HTML 7Page - Texas Instruments ADS7960QDBTRQ1 Datasheet HTML 8Page - Texas Instruments ADS7960QDBTRQ1 Datasheet HTML 9Page - Texas Instruments ADS7960QDBTRQ1 Datasheet HTML 10Page - Texas Instruments ADS7960QDBTRQ1 Datasheet HTML 11Page - Texas Instruments ADS7960QDBTRQ1 Datasheet HTML 12Page - Texas Instruments ADS7960QDBTRQ1 Datasheet HTML 13Page - Texas Instruments ADS7960QDBTRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ADS7950-Q1, ADS7951-Q1, ADS7952-Q1, ADS7953-Q1, ADS7954-Q1
ADS7956-Q1, ADS7957-Q1, ADS7958-Q1, ADS7959-Q1, ADS7960-Q1, ADS7961-Q1
SBAS652A – MAY 2014 – REVISED AUGUST 2014
www.ti.com
Electrical Characteristics: ADS7958-Q1, ADS7959-Q1, ADS7960-Q1, ADS7961-Q1 (continued)
V(+VA) = 2.7 V to 5.25 V, V(+VBD) = 1.7 V to V(+VA), Vref = 2.5 V ± 0.1 V, TA = –40°C to 125°C, ƒsample = 1 MHz (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
THD
Total harmonic distortion(4)
100 kHz
–75
dB
SNR
Signal-to-noise ratio
100 kHz
49
dB
SINAD
Signal-to-noise + distortion
100 kHz
49
dB
SFDR
Spurious-free dynamic range
100 kHz
–78
dB
Full-power bandwidth
At –3 dB
47
MHz
Any off-channel with 100 kHz. Full-scale input to channel being
–95
dB
sampled with dc input.
Channel-to-channel crosstalk
From previously sampled to channel with 100 kHz. Full-scale input
–85
dB
to channel being sampled with dc input.
EXTERNAL REFERENCE INPUT
Vref
reference voltage at REFP
2
2.5
3
V
Reference resistance
100
k
Ω
ALARM SETTING
Higher threshold range
000
FF
Hex
Lower threshold range
000
FF
Hex
DIGITAL INPUT/OUTPUT (CMOS Logic Family)
VIH
High logic-level input voltage
0.7 ×
V
V(+VBD)
V(+VBD) = 5 V
0.8
V
VIL
Low logic-level input voltage
V(+VBD) = 3 V
0.4
V
VOH
At source current (IS) = 200 μA
V(+VBD)
High logic-level output voltage
V
0.2
VOL
Low logic-level output voltage
At Isink = 200 μA
0.4
V
Data format
MSB first
POWER SUPPLY REQUIREMENTS
V(+VA)
Analog power-supply voltage
2.7
3.3
5.25
V
V(+VBD)
Digital I/O-supply voltage
1.7
3.3
V(+VA)
V
At V(+VA) = 2.7 V to 3.6 V and 1-MHz throughput
1.8
mA
At V(+VA) = 2.7 V to 3.6 V static state
1.05
mA
I(+VA)
Supply current (normal mode)
At V(+VA) = 4.7 V to 5.25 V and 1-MHz throughput
2.3
3
mA
At V(+VA) = 4.7 V to 5.25 V static state
1.1
1.5
mA
Power-down state supply current
1
μA
I(+VBD)
Digital I/O-supply current
V(+VA) = 5.25 V, ƒsample = 1 MHz
1
mA
Power-up time
1
μs
Invalid conversions after power up or
1
cycle
reset
Latch-up
JESD78 class I
TEMPERATURE RANGE
Specified performance
–40
125
°C
(4)
Calculated on the first nine harmonics of the input frequency.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADS7950-Q1 ADS7951-Q1 ADS7952-Q1 ADS7953-Q1 ADS7954-Q1 ADS7956-Q1 ADS7957-
Q1 ADS7958-Q1 ADS7959-Q1 ADS7960-Q1 ADS7961-Q1


Similar Part No. - ADS7960QDBTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7960 TI-ADS7960 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7960 TI1-ADS7960 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7960 TI1-ADS7960 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7960SDBT TI-ADS7960SDBT Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7960SDBT TI1-ADS7960SDBT Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results

Similar Description - ADS7960QDBTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7955-Q1 TI1-ADS7955-Q1 Datasheet
628Kb / 32P
[Old version datasheet]   10-Bit, 1 MSPS, 8-Channel, Single-Ended, MicroPower, Serial Interface ADC
ADS5296 TI-ADS5296 Datasheet
2Mb / 104P
[Old version datasheet]   10-Bit, 200-MSPS, 4-Channel and 12-Bit, 80-MSPS, 8-Channel Analog-to-Digital Converter
ADS5296A TI1-ADS5296A Datasheet
2Mb / 107P
[Old version datasheet]   10-Bit, 200-MSPS, 4-Channel and 12-Bit, 80-MSPS, 8-Channel Analog-to-Digital Converter
logo
Analog Devices
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com