Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7861EBG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7861EBG4
Description  Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7861EBG4 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7861EBG4 Datasheet HTML 1Page - Texas Instruments ADS7861EBG4 Datasheet HTML 2Page - Texas Instruments ADS7861EBG4 Datasheet HTML 3Page - Texas Instruments ADS7861EBG4 Datasheet HTML 4Page - Texas Instruments ADS7861EBG4 Datasheet HTML 5Page - Texas Instruments ADS7861EBG4 Datasheet HTML 6Page - Texas Instruments ADS7861EBG4 Datasheet HTML 7Page - Texas Instruments ADS7861EBG4 Datasheet HTML 8Page - Texas Instruments ADS7861EBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADS7861
3
SBAS110D
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range at TA = –40°C to +125°C, +VA + VD = +5V, VREF = internal +2.5V, fCLK = 8MHz, and fSAMPLE = 500kSPS,
unless otherwise noted.
ADS7861I, E
ADS7861IB, EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
Bits
ANALOG INPUT
Input Voltage Range-Bipolar
VCENTER = Internal VREF at 2.5V
–VREF
+VREF
✻✻
V
Input Capacitance
15
pF
Input Leakage Current
±1
µA
SYSTEM PERFORMANCE
No Missing Codes
12
Bits
Integral Linearity
±0.75
±2
±0.5
±1
LSB
Integral Linearity Match
0.5
±1
✻✻
LSB
Differential Linearity
±1
±0.5
±1
LSB
Bipolar Offset Error
TA = –40°C to +85°C
±0.5
±3
✻✻
LSB
TA = –40°C to +125°C
±0.5
±3.5
✻✻
LSB
Bipolar Offset Error Match
3
2
LSB
Positive Gain Error
Referenced to REFIN
±0.15
±0.75
±0.10
±0.50
% of FSR
Positive Gain Error Match
2
1
LSB
Negative Gain Error
Referenced to REFIN
±0.15
±0.75
±0.10
±0.50
% of FSR
Negative Gain Error Match
2
1
LSB
Common-Mode Rejection Ratio
At DC
80
dB
VIN = ±1.25VPP at 50kHz
80
dB
Noise
120
µVrms
Power Supply Rejection Ratio
0.5
2
✻✻
LSB
SAMPLING DYNAMICS
Conversion Time per A/D
1.625
µs
Acquisition Time
0.375
µs
Throughput Rate
500
kSPS
Aperture Delay
3.5
ns
Aperture Delay Matching
100
ps
Aperture Jitter
50
ps
Small-Signal Bandwidth
40
MHz
DYNAMIC CHARACTERISTICS (VIN = ±2.5VPP at 100kHz)
Total Harmonic Distortion
TA = –40°C to +85°C
–72
–76
dB
TA = –40°C to +125°C
–71
–75
dB
SINAD
70
dB
Spurious Free Dynamic Range
TA = –40°C to +85°C72
76
dB
TA = –40°C to +125°C71
75
dB
Channel-to-Channel Isolation
–80
dB
VOLTAGE REFERENCE
Internal
2.475
2.5
2.525
✻✻
V
Internal Drift
±25
ppm/
°C
Internal Noise
50
µV
PP
Internal Source Current
2
mA
Internal Load Rejection
0.005
mV/
µA
Internal PSRR
80
dB
External Voltage Range
1.2
2.5
2.6
✻✻
V
Input Current
0.05
1
✻✻
µA
Input Capacitance
5
pF
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels: VIH
IIH = +5µA
3.0
+VDD + 0.3
✻✻
V
VIL
IIL = +5µA
–0.3
1
✻✻
V
VOH
IOH = –0.5mA
3.5
V
VOL
IOL = –0.5mA
0.4
V
External Clock, Optional
0.2
8
✻✻
MHz
Data Format
Binary Two's Complement
POWER SUPPLY REQUIREMENTS
Power Supply Voltage, +V
4.75
5
5.25
✻✻
V
Quiescent Current, +VA
TA = –40°C to +85°C5
8
✻✻
mA
TA = –40°C to +125°C
5
8.5
✻✻
mA
Power Dissipation
TA = –40°C to +85°C25
40
✻✻
mW
TA = –40°C to +125°C
25
42.5
✻✻
mW
✻ Specifications same as ADS7861I, ADS7861E.


Similar Part No. - ADS7861EBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7861EB BURR-BROWN-ADS7861EB Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7861EBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com