Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7890IPFBTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7890IPFBTG4
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7890IPFBTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7890IPFBTG4 Datasheet HTML 5Page - Texas Instruments ADS7890IPFBTG4 Datasheet HTML 6Page - Texas Instruments ADS7890IPFBTG4 Datasheet HTML 7Page - Texas Instruments ADS7890IPFBTG4 Datasheet HTML 8Page - Texas Instruments ADS7890IPFBTG4 Datasheet HTML 9Page - Texas Instruments ADS7890IPFBTG4 Datasheet HTML 10Page - Texas Instruments ADS7890IPFBTG4 Datasheet HTML 11Page - Texas Instruments ADS7890IPFBTG4 Datasheet HTML 12Page - Texas Instruments ADS7890IPFBTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ADS7890
SLAS409 − DECEMBER 2003
www.ti.com
9
Power Down
Phase
12
3
4
5
PWD/RST
BUSY
SDO
td6
tw4
First 4 Invalid Conversions
Valid Conversions
RESET Phase
Invalid Data
Valid Data
td7
Figure 3. Device Power Down
PWD/RST
BUSY
SDO
tw3
First 4 Invalid Conversions
Valid Conversions
RESET Phase
Invalid Data
Valid Data
td7
Figure 4. Device Reset
FRAME ABORT
A frame can be aborted at any time. There are three phases in the frame, data frame before sample start (first
8 clocks), sample phase (9th rising edge to the 16th falling edge of SCLK), and the conversion phase. The
following sections describe a frame abort during each of these phases, for both SPI and DSP interfaces.
FRAME ABORT IN SPI INTERFACE MODE (FS Held High)
The rising edge of CS after a frame start (falling edge of CS) before the 9th rising edge of SCLK aborts a frame
(see Figure 5). SDO goes to three-state with CS high. A new frame is started with the falling edge of CS.
Previous conversion results are available on SDO during the new frame.
D13
D12
D6
MSB-D13
LSB-D0
2
3
89
23
15
16
Data From Last Conversion
SCLK
CS
BUSY
SDO
Figure 5. Frame Abort Before Sample Start
A CS rising edge during the sample period (td8 after the 9th rising edge of SCLK to the 16th falling edge of SCLK)
aborts the sample and the device enters the conversion phase. As expected, SDO goes to three-state with CS
high. The conversion results can be latched in the next frame, however reliability of the data depends on the
sampling time available before the frame abort.


Similar Part No. - ADS7890IPFBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7890IPFBT TI-ADS7890IPFBT Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7890IPFBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com