Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3496A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3496A
Description  Silicon NPN triple diffusion planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3496A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3496A Datasheet HTML 1Page - Panasonic Semiconductor 2SC3496A Datasheet HTML 2Page - Panasonic Semiconductor 2SC3496A Datasheet HTML 3Page - Panasonic Semiconductor 2SC3496A Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Transistors
1
Publication date: March 2003
SJD00104AED
2SC3496, 2SC3496A
Silicon NPN triple diffusion planar type
For power switching
■ Features
• High-speed switching
• High collector-base voltage (Emitter open) V
CBO
• Satisfactory linearity of forward current transfer ratio h
FE
• N type package enabling direct soldering of the radiating fin to the
printed circuit board, etc. of small electronic equipment
■ Absolute Maximum Ratings T
C
= 25°C
■ Electrical Characteristics T
C
= 25°C ± 3°C
Unit: mm
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Parameter
Symbol
Rating
Unit
Collector-base voltage
2SC3496
VCBO
900
V
(Emitter open)
2SC3496A
1 000
Collector-emitter voltage 2SC3496
VCES
900
V
(E-B short)
2SC3496A
1 000
Collector-emitter voltage 2SC3496
VCEO
800
V
(Base open)
2SC3496A
900
Emitter-base voltage (Collector open)
VEBO
7V
Base current
IB
0.3
A
Collector current
IC
1A
Peak collector current
ICP
2A
Collector power
PC
30
W
dissipation
Ta = 25°C
1.3
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage
2SC3496
VCEO
IC = 1 mA, IB = 0
800
V
(Base open)
2SC3496A
900
Collector-base cutoff current
2SC3496
ICBO
VCB = 900 V, IE = 050
µA
(Emitter open)
2SC3496A
VCB = 1 000 V, IE = 050
Emitter-base cutoff current (Collector open)
IEBO
VEB
= 7 V, I
C
= 050
µA
Forward current transfer ratio
hFE1
VCE = 5 V, IC = 0.05 A
6
hFE2
VCE = 5 V, IC = 0.5 A
3
Collector-emitter saturation voltage
VCE(sat)
IC
= 0.2 A, I
B
= 0.04 A
1.5
V
Base-emitter saturation voltage
VBE(sat)
IC = 0.2 A, IB = 0.04 A
1.0
V
Transition frequency
fT
VCE = 10 V, IC = 0.05 A, f = 1 MHz
4
MHz
Turn-on time
ton
IC
= 0.2 A
1.0
µs
Storage time
tstg
IB1 = 0.04 A, IB2 = − 0.08 A
3.0
µs
Fall time
tf
VCC = 250 V
1.0
µs
8.5±0.2
3.4±0.3
1.0±0.1
0 to 0.4
6.0±0.2
0.8±0.1 R = 0.5
R = 0.5
1.0±0.1
0.4±0.1
(8.5)
(6.5)
(6.0)
1.3
2.54±0.3
1.4±0.1
5.08±0.5
123
1: Base
2: Collector
3: Emitter
N-G1 Package
Note) Self-supported type package is also prepared.


Similar Part No. - 2SC3496A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3496A KEXIN-2SC3496A Datasheet
40Kb / 1P
   NPN Silicon Triple Diffused Transistor
More results

Similar Description - 2SC3496A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
   Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1719 PANASONIC-2SD1719 Datasheet
94Kb / 4P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com