Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24041DSQT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24041DSQT
Description  Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24041DSQT Datasheet(HTML) 1 Page - Texas Instruments

  BQ24041DSQT Datasheet HTML 1Page - Texas Instruments BQ24041DSQT Datasheet HTML 2Page - Texas Instruments BQ24041DSQT Datasheet HTML 3Page - Texas Instruments BQ24041DSQT Datasheet HTML 4Page - Texas Instruments BQ24041DSQT Datasheet HTML 5Page - Texas Instruments BQ24041DSQT Datasheet HTML 6Page - Texas Instruments BQ24041DSQT Datasheet HTML 7Page - Texas Instruments BQ24041DSQT Datasheet HTML 8Page - Texas Instruments BQ24041DSQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1 F
m
1 F
m
1kW
1.5kW
1.5kW
2kW
DisconnectafterDetection
+
BatteryPack
VBUS
GND
D+
D-
USBPort
DC+
GND
Adaptor
VDD
D-
D+
GND
TTDM/BAT_EN
Host
SystemLoad
OR
ISET/100/500mA
1
2
3
4
5
10
9
8
7
6
IN
ISET
VSS
PRETERM
PG
NC
ISET2
CHG
TS
OUT
bq24040
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq24040, bq24041, bq24045
SLUS941F – SEPTEMBER 2009 – REVISED MARCH 2015
bq2404x 1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
1 Features
3 Description
The bq2404x series of devices are highly integrated
1
Charging
Li-Ion and Li-Pol linear chargers devices targeted at
1% Charge Voltage Accuracy
space-limited
portable
applications.
The
devices
10% Charge Current Accuracy
operate from either a USB port or AC adapter. The
high input voltage range with input overvoltage
Pin Selectable USB 100mA and 500mA
protection supports low-cost unregulated adapters.
Maximum Input Current Limit
The bq2404x has a single power output that charges
Programmable Termination and Precharge
the battery. A system load can be placed in parallel
Threshold, bq24040 and bq24045
with the battery as long as the average system load
High voltage (4.35V) Chemistry Support with
does not keep the battery from charging fully during
bq24045
the 10 hour safety timer.
Protection
The battery is charged in three phases: conditioning,
30V Input Rating; with 6.6V or 7.1V Input
constant current and constant voltage. In all charge
Overvoltage Protection
phases, an internal control loop monitors the IC
junction temperature and reduces the charge current
Input Voltage Dynamic Power Management
if an internal temperature threshold is exceeded.
125°C Thermal Regulation; 150°C Thermal
Shutdown Protection
The charger power stage and charge current sense
functions are fully integrated. The charger function
OUT Short-Circuit Protection and ISET short
has high accuracy current and voltage regulation
detection
loops, charge status display, and charge termination.
Operation over JEITA Range via Battery
The pre-charge current and termination current
NTC – 1/2 Fast-Charge-Current at Cold, 4.06V
threshold are programmed via an external resistor on
at Hot, bq24040 and bq24045
the bq24040 and bq24045. The fast charge current
value is also programmable via an external resistor.
Fixed 10 Hour Safety Timer, bq24040 and
bq24045
Device Information(1)
System
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Automatic Termination and Timer Disable
bq24040
WSON (10)
2.00 mm x 2.00 mm
Mode (TTDM) for Absent Battery Pack With
bq24041
WSON (10)
2.00 mm x 2.00 mm
Thermistor, bq24040 and bq24045
bq24045
WSON (10)
2.00 mm x 2.00 mm
Status Indication – Charging/Done
(1) For all available packages, see the orderable addendum at
Available in Small 2×2mm2 DFN-10 Package
the end of the data sheet.
Integrated Auto Start Function for Production
Line Testing, bq24041
Simplified Schematic
2 Applications
Smart Phones
PDAs
MP3 Players
Low-Power Handheld Devices
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ24041DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24041DSQT TI-BQ24041DSQT Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
More results

Similar Description - BQ24041DSQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com