Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24012DRCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24012DRCR
Description  Single-Chip, Li-Ion Charge Management IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24012DRCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24012DRCR Datasheet HTML 5Page - Texas Instruments BQ24012DRCR Datasheet HTML 6Page - Texas Instruments BQ24012DRCR Datasheet HTML 7Page - Texas Instruments BQ24012DRCR Datasheet HTML 8Page - Texas Instruments BQ24012DRCR Datasheet HTML 9Page - Texas Instruments BQ24012DRCR Datasheet HTML 10Page - Texas Instruments BQ24012DRCR Datasheet HTML 11Page - Texas Instruments BQ24012DRCR Datasheet HTML 12Page - Texas Instruments BQ24012DRCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Yes
No
No
Yes
Indicate Fault
Yes
No
Yes
No
Regulate Current
or Voltage
No
POR
Yes
No
Yes
No
No
Fault Condition
Yes
Yes
Indicate DONE
Turn off charge
Indicate SLEEP
MODE
SLEEP MODE
Suspend charge
No
No
Yes
No
No
Yes
Yes
No
Yes
Enter Battery
Absent
Detection
No
Yes
Yes
VCC > VI(BAT)
checked at
all times
VI(BAT) < V(LOWV)
Reset and Start
t(PRECHG) timer
Regulate
IO(PRECHG)
Reset all timers
start t(CHG)
timers
VI(BAT) < V(LOWV)
TJ < t(SHTDWN)
TJ < t(SHTDWN)
t(PRECHG)
expired?
t(CHG)
expired?
VI(BAT) < V(LOWV)
Enable
I(FAULT)
current?
VI(BAT) > V(RCH)
?
VI(BAT) > V(RCH)
?
I(TERM)
detection
?
t(TAPER)
expired?
Disable
I(FAULT)
current?
VI(BAT) < V(RCH)
?
I(TAPER)
detection
?
Indicate
Charge-in-Progress
Indicate
Charge Suspend
Indicate
Charge-in-Progress
bq24010, bq24012
bq24013, bq24014, bq24018
www.ti.com
SLUS530K – SEPTEMBER 2002 – REVISED JANUARY 2014
Figure 5. Operational Flow Chart
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq24010, bq24012 bq24013, bq24014, bq24018


Similar Part No. - BQ24012DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24012DRCR TI-BQ24012DRCR Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24012DRCR TI-BQ24012DRCR Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24012DRCRG4 TI-BQ24012DRCRG4 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24012DRCRG4 TI-BQ24012DRCRG4 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
More results

Similar Description - BQ24012DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com