Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24070RHLRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ24070RHLRG4
Description  System Power-Path Management IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24070RHLRG4 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24070RHLRG4 Datasheet HTML 1Page - Texas Instruments BQ24070RHLRG4 Datasheet HTML 2Page - Texas Instruments BQ24070RHLRG4 Datasheet HTML 3Page - Texas Instruments BQ24070RHLRG4 Datasheet HTML 4Page - Texas Instruments BQ24070RHLRG4 Datasheet HTML 5Page - Texas Instruments BQ24070RHLRG4 Datasheet HTML 6Page - Texas Instruments BQ24070RHLRG4 Datasheet HTML 7Page - Texas Instruments BQ24070RHLRG4 Datasheet HTML 8Page - Texas Instruments BQ24070RHLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
bq24070, bq24071
www.ti.com
SLUS694G – MARCH 2006 – REVISED DECEMBER 2014
7.4 Thermal Information
bq2407x
THERMAL METRIC(1)
RHL
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
40.1
RθJC(top)
Junction-to-case (top) thermal resistance
42.0
RθJB
Junction-to-board thermal resistance
16.6
°C/W
ψJT
Junction-to-top characterization parameter
0.7
ψJB
Junction-to-board characterization parameter
16.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over junction temperature range (0°C
≤ TJ ≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT BIAS CURRENTS
ICC(SPLY)
Active supply current, VCC
VVCC > VVCC(min)
1
2
mA
VIN < V(BAT)
Sleep current (current into BAT
ICC(SLP)
2.6 V
≤ VI(BAT) ≤ VO(BAT-REG),
2
5
pin)
Excludes load on OUT pin
VI(IN) ≤ 6V, Total current into IN pin with chip
ICC(IN-STDBY)
Input standby current
disabled, Excludes all loads, CE=LOW, after
200
t(CE-HOLDOFF) delay
μA
Total current into BAT pin with input present
and chip disabled;
ICC(BAT-STDBY)
BAT standby current
Excludes all loads, CE=LOW,
45
65
after t(CE-HOLDOFF) delay,
0°C
≤ TJ ≤ 85°C
(1)
IIB(BAT)
Charge done current, BAT
Charge DONE, input supplying the load
1
5
OUT PIN-VOLTAGE REGULATION
bq24070
VI(IN) ≥ 4.4 V + VDO
4.4
4.5
Output regulation
VO(OUT-REG)
V
voltage
bq24071
VI(IN) ≥ 6 V + VDO
6.0
6.3
OUT PIN – DPPM REGULATION
V(DPPM-SET)
DPPM set point(2)
VDPPM-SET < VOUT
2.6
3.8
V
I(DPPM-SET)
DPPM current source
Input present
95
100
105
μA
SF
DPPM scale factor
V(DPPM-REG) = V(DPPM-SET) × SF
1.139
1.150
1.162
OUT PIN – FET (Q1, Q2) DROP-OUT VOLTAGE RDS(on))
VI(IN) ≥ VCC(min), Mode = High,
V(INDO)
IN-to-OUT dropout voltage(3)
300
475
II(IN) = 1 A, (IO(OUT)+ IO(BAT)), or no input
mV
BAT-to-OUT dropout voltage
V(BATDO)
VI (BAT) ≥ 3 V, II(BAT)= 1.0 A, VCC < VI(BAT)
40
100
(discharging)
(1)
This includes the quiescent current for the integrated LDO.
(2)
V(DPPM-SET) is scaled up by the scale factor for controlling the output voltage V(DPPM-REG).
(3)
VDO(max), dropout voltage is a function of the FET, RDS(on), and drain current. The dropout voltage increases proportionally to the
increase in current.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq24070 bq24071


Similar Part No. - BQ24070RHLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
More results

Similar Description - BQ24070RHLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
logo
Texas Instruments
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com