Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ21040DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ21040DBVT
Description  Single Cell Li-Ion and Li-Pol Battery Charger
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ21040DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ21040DBVT Datasheet HTML 3Page - Texas Instruments BQ21040DBVT Datasheet HTML 4Page - Texas Instruments BQ21040DBVT Datasheet HTML 5Page - Texas Instruments BQ21040DBVT Datasheet HTML 6Page - Texas Instruments BQ21040DBVT Datasheet HTML 7Page - Texas Instruments BQ21040DBVT Datasheet HTML 8Page - Texas Instruments BQ21040DBVT Datasheet HTML 9Page - Texas Instruments BQ21040DBVT Datasheet HTML 10Page - Texas Instruments BQ21040DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
361.8
362
362.2
362.4
362.6
362.8
363
363.2
363.4
2.5
3
3.5
4
4.5
V
- Output Voltage - V
O
I
at 85°C
O
I
at 25°C
O
I
at 0°C
O
V
- Input Voltage - V
IN
5
5.5
6
6.5
7
4.5
4.3415
4.3420
4.3425
4.3430
4.3435
4.3440
4.3445
4.3450
V
at 0°C
REG
V
at 25°C
REG
V
at 25°C
REG
4.192
4.193
4.194
4.195
4.196
4.197
4.198
4.199
4.2
0
0.2
0.4
0.6
0.8
1
I
- Output current - A
O
V
at 0°C
reg
V
at 25°C
reg
V
at 85°C
reg
I
- Current - mA
LOAD
4.34
4.342
4.344
4.346
4.348
4.35
4.352
100
200
300
400
500
600
700
800
900
0
V
at 85°C
REG
V
at 0°C
REG
V
at 25°C
REG
V
at 125°C
REG
528
530
532
534
536
538
540
542
544
546
0
0.2
0.4
0.6
0.8
I
-OutputCurrent- A
O
Kiset
.15
LowtoHighCurrents
(mayoccurinrechargetofastchargetransion)
HightoLowCurrents
(mayoccurinVoltageRegulation- TaperCurrent)
4.196
4.198
4.2
4.202
4.204
4.206
4.208
4.21
4.212
4.5
5
5.5
6
6.5
R
= 100
OUT
V
at 25°C
O
V
at 85°C
O
V - Input Voltage DC - V
I
V
at 0°C
O
7
bq21040
www.ti.com
SLUSCE2A – APRIL 2016 – REVISED MAY 2016
Product Folder Links: bq21040
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Operational Characteristics (Protection Circuits Waveforms)
SETUP: bq21040 typical applications schematic; VIN = 5V, VBAT = 3.6V (unless otherwise indicated)
Figure 1. Kiset for Low and High Currents
Figure 2. Line Regulation
Figure 3. Load Regulation Over Temperature
Figure 4. Load Regulation
Figure 5. Line Regulation
Figure 6. Current Regulation Over Temperature


Similar Part No. - BQ21040DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21062 TI-BQ21062 Datasheet
1Mb / 69P
[Old version datasheet]   BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
BQ21062YFPR TI-BQ21062YFPR Datasheet
1Mb / 69P
[Old version datasheet]   BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
More results

Similar Description - BQ21040DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com