Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2063DBQ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2063DBQ
Description  SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2063DBQ Datasheet(HTML) 2 Page - Texas Instruments

  BQ2063DBQ Datasheet HTML 1Page - Texas Instruments BQ2063DBQ Datasheet HTML 2Page - Texas Instruments BQ2063DBQ Datasheet HTML 3Page - Texas Instruments BQ2063DBQ Datasheet HTML 4Page - Texas Instruments BQ2063DBQ Datasheet HTML 5Page - Texas Instruments BQ2063DBQ Datasheet HTML 6Page - Texas Instruments BQ2063DBQ Datasheet HTML 7Page - Texas Instruments BQ2063DBQ Datasheet HTML 8Page - Texas Instruments BQ2063DBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
bq2063
SBS v1.1COMPLIANT LiION GASGAUGE IC
WITH PROTECTOR INTERFACE
SLUS468E− MAY 2001 − REVISED APRIL 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
No.
I/O
DESCRIPTION
CTL2−CTL4
9–11
O
3-state outputs to interface the S-8243 protection IC
DISP
17
I
Display control for the LED drivers LED1
LED5
ESCL
2
O
Serial memory clock for data transfer between the bq2063 and the external nonvolatile configuration memory
ESDA
3
I/O
Bidirectional pin that transfers address and data to and from the bq2063 and the external nonvolatile
configuration memory
GND
24–25
Must be tied externally to VSS
HDQ16
1
I/O
Serial communication open-drain bidirectional communications port
LED1−LED5
12–16
O
LED display segments that each may drive an external LED
RBI
4
I
Register backup that provides backup potential to the bq2063 registers during periods of low operating
voltage. RBI accepts a storage capacitor or a battery input
REG
5
O
Regular output to control an n-JFET for Vcc regulation to the bq2063 from the battery potential
SAFETY
26
O
Open-drain output for an additional level of safety protection (e.g., fuse blow)
SMBC
28
I/O
SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the bq2063
SMBD
27
I/O
SMBus data open-drain bidirectional pin used to transfer address and data to and from the bq2063
SRC
20
I
Current-sense voltage to monitor instantaneous current
SR1−SR2
22–21
I
Connections for a small-value sense resistor to monitor the battery charge- and discharge-current flow
THON
18
O
Control for external FETs to connect the thermistor bias resistor during a temperature measurement
TS
19
I
Thermistor voltage input connection to monitor temperature
VCC
7
I
Supply voltage
VCELL
23
I
Single-cell voltage input that monitors the series element cell voltages from the S-8243
VOUT
6
O
VCC output that supplies power to the external EEPROM configuration memory
VSS
8
Ground
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage (VCC with respect to VSS)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, V(IN), all other pins (all with respect to VSS)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−20
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, TSTG
−20
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature range, TJ
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 s)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Not Recommended For New Designs


Similar Part No. - BQ2063DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
More results

Similar Description - BQ2063DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com