Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2060A-E619DBQG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2060A-E619DBQG4
Description  SBS v1.1-Compliant Gas Gauge IC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2060A-E619DBQG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2060A-E619DBQG4 Datasheet HTML 1Page - Texas Instruments BQ2060A-E619DBQG4 Datasheet HTML 2Page - Texas Instruments BQ2060A-E619DBQG4 Datasheet HTML 3Page - Texas Instruments BQ2060A-E619DBQG4 Datasheet HTML 4Page - Texas Instruments BQ2060A-E619DBQG4 Datasheet HTML 5Page - Texas Instruments BQ2060A-E619DBQG4 Datasheet HTML 6Page - Texas Instruments BQ2060A-E619DBQG4 Datasheet HTML 7Page - Texas Instruments BQ2060A-E619DBQG4 Datasheet HTML 8Page - Texas Instruments BQ2060A-E619DBQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
bq2060A
www.ti.com
SLUS500D
– OCTOBER 2001 – REVISED OCTOBER 2011
SBS v1.1-Compliant Gas Gauge IC
Check for Samples: bq2060A
The bq2060A supports the smart battery data
1
FEATURES
(SBData) commands and charge-control functions. It
Provides Accurate Measurement of Available
communicates data using the system management
Charge in NiCd, NiMH, Li-Ion, and Lead-Acid
bus (SMBus) 2-wire protocol or the Benchmarq 1-wire
Batteries
HDQ16 protocol. The data available include the
remaining battery capacity, temperature, voltage,
Supports SBS Smart Battery Data
current, and remaining run-time predictions. The
Specification v1.1
bq2060A provides LED drivers and a pushbutton
Supports the 2-Wire SMBus v1.1 Interface With
input to depict remaining battery capacity from full to
PEC or 1-Wire HDQ16
empty in 20% or 25% increments with a 4- or
Reports Individual Cell Voltages
5-segment display.
Monitors and Provides Control to Charge and
The bq2060A works with an external EEPROM. The
Discharge FETs in Li-Ion Protection Circuit
EEPROM stores the configuration information for the
bq2060A, such as battery chemistry, self-discharge
Provides 15-Bit Resolution for Voltage,
rate,
rate
compensation
factors,
measurement
Temperature, and Current Measurements
calibration, and design voltage and capacity. The
Measures Charge Flow Using a V-to-F
bq2060A uses the programmable self-discharge rate
Converter With Offset of Less Than 16
µV After
and
other
compensation
factors
stored
in
the
Calibration
EEPROM to accurately adjust remaining capacity for
Consumes Less Than 0.5 mW Operating
use and standby conditions based on time, rate, and
temperature.
The
bq2060A
also
automatically
Drives a 4- or 5-Segment LED Display for
calibrates or learns the true battery capacity in the
Remaining Capacity Indication
course
of
a
discharge
cycle
from
near-full
to
28-Pin 150-Mil (3,8-mm) SSOP
near-empty levels.
The REG output regulates the operating voltage for
DESCRIPTION
the bq2060A from the battery cell stack using an
The bq2060A SBS-compliant gas gauge IC for
external JFET.
battery pack or in-system installation maintains an
accurate record of available charge in rechargeable
PIN CONNECTIONS
batteries. The bq2060A monitors capacity and other
critical battery parameters for NiCd, NiMH, Li-ion, and
lead-acid
chemistries.
The
bq2060A
uses
a
150-Mil (3,8-mm) SSOP
28-Pin
voltage-to-frequency converter with automatic offset
error correction for charge and discharge counting.
For voltage, temperature, and current reporting, the
bq2060A uses an A-to-D converter. The onboard
ADC also monitors individual cell voltages in a Li-ion
battery pack and allows the bq2060A to generate
control signals that may be used with a pack
supervisor to enhance pack safety.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2001–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ2060A-E619DBQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060A-E619DBQR TI-BQ2060A-E619DBQR Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
More results

Similar Description - BQ2060A-E619DBQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com