Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2050SN Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2050SN
Description  Lithium Ion Power Gauge??IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2050SN Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2050SN Datasheet HTML 2Page - Texas Instruments BQ2050SN Datasheet HTML 3Page - Texas Instruments BQ2050SN Datasheet HTML 4Page - Texas Instruments BQ2050SN Datasheet HTML 5Page - Texas Instruments BQ2050SN Datasheet HTML 6Page - Texas Instruments BQ2050SN Datasheet HTML 7Page - Texas Instruments BQ2050SN Datasheet HTML 8Page - Texas Instruments BQ2050SN Datasheet HTML 9Page - Texas Instruments BQ2050SN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
2.
Programmed Full Count (PFC) or initial bat-
tery capacity:
The initial LMD and gas gauge rate values are pro-
grammed by using PROG1–PROG4. The bq2050 is
configured for a given application by selecting a
PFC value from Table 2. The correct PFC may be
determined by multiplying the rated battery capac-
ity in mAh by the sense resistor value:
Battery capacity (mAh) * sense resistor (Ω) =
PFC (mVh)
Selecting a PFC slightly less than the rated capac-
ity provides a conservative capacity reference until
the bq2050 “learns” a new capacity reference.
Example: Selecting a PFC Value
Given:
Sense resistor = 0.05
Number of cells = 2
Capacity = 1000mAh, Li-Ion battery, coke-anode
Current range = 50mA to 1A
Relative display mode
Serial port only
Self-discharge = NAC
512 per day @ 25°C
Voltage drop over sense resistor = 2.5mV to 50mV
Nominal discharge voltage = 3.6V
Therefore:
1000mAh * 0.05Ω = 50mVh
6
bq2050
PROGx
Pro-
grammed
Full
Count
(PFC)
PROG4 = L
PROG4 = Z
Units
1
2
PROG3 = H
PROG3 = Z PROG3 = L PROG3 = H PROG3 = Z PROG3 = L
--
-
SCALE =
1/80
SCALE =
1/160
SCALE =
1/320
SCALE =
1/640
SCALE =
1/1280
SCALE =
1/2560
mVh/
count
H
H
49152
614
307
154
76.8
38.4
19.2
mVh
H
Z
45056
563
282
141
70.4
35.2
17.6
mVh
H
L
40960
512
256
128
64.0
32.0
16.0
mVh
Z
H
36864
461
230
115
57.6
28.8
14.4
mVh
Z
Z
33792
422
211
106
53.0
26.4
13.2
mVh
Z
L
30720
384
192
96.0
48.0
24.0
12.0
mVh
L
H
27648
346
173
86.4
43.2
21.6
10.8
mVh
L
Z
25600
320
160
80.0
40.0
20.0
10.0
mVh
L
L
22528
282
141
70.4
35.2
17.6
8.8
mVh
VSR equivalent to 2
counts/sec. (nom.)
90
45
22.5
11.25
5.6
2.8
mV
Table 2. bq2050 Programmed Full Count mVh Selections
Pin
Connection
PROG5 Compensation/
Self-Discharge
PROG6
NAC on Reset
DISP
Display State
H
Table 4/Disabled
PFC
LEDs disabled
Z
Table 4/ NAC
512
0
LEDs on when charging
L
Table 3/ NAC
512
0
LEDs on for 4 sec.
Note:
PROG5 and PROG6 states are independent.
Table 1. bq2050 Programming
Not Recommended For New Designs


Similar Part No. - BQ2050SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050SN TI-BQ2050SN Datasheet
235Kb / 21P
[Old version datasheet]   Lithium Ion Power Gauge??IC
logo
List of Unclassifed Man...
BQ2050SN ETC-BQ2050SN Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
BQ2050SN-D119 ETC-BQ2050SN-D119 Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050SNN TI-BQ2050SNN Datasheet
235Kb / 21P
[Old version datasheet]   Lithium Ion Power Gauge??IC
logo
List of Unclassifed Man...
BQ2050SNN ETC-BQ2050SNN Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
More results

Similar Description - BQ2050SN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ2050SN-D119 ETC-BQ2050SN-D119 Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050 TI-BQ2050 Datasheet
235Kb / 21P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2050H TI-BQ2050H Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
BQ2050H TI1-BQ2050H_15 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge??IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
logo
Mitsumi Electronics, Co...
MM3645 MITSUMI-MM3645 Datasheet
50Kb / 4P
   1cell Lithium-ion/Lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
   2 lithium ion/lithium polymer battery protection IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com