Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2040SN-D111G4 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2040SN-D111G4
Description  Gas Gauge IC With SMBus Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2040SN-D111G4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2040SN-D111G4 Datasheet HTML 5Page - Texas Instruments BQ2040SN-D111G4 Datasheet HTML 6Page - Texas Instruments BQ2040SN-D111G4 Datasheet HTML 7Page - Texas Instruments BQ2040SN-D111G4 Datasheet HTML 8Page - Texas Instruments BQ2040SN-D111G4 Datasheet HTML 9Page - Texas Instruments BQ2040SN-D111G4 Datasheet HTML 10Page - Texas Instruments BQ2040SN-D111G4 Datasheet HTML 11Page - Texas Instruments BQ2040SN-D111G4 Datasheet HTML 12Page - Texas Instruments BQ2040SN-D111G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Charge Suspension
The bq2040 may temporarily suspend charge if it detects
a charging fault. The charging faults include the follow-
ing conditions:
n
Maximum Overcharge: If charging continues for
more than the programmed maximum overcharge
limit as defined in EE 0x3a—0x3b beyond RM=FCC,
the Fully_Charged bit is set, and the requested
charging current is set to the maintenance rate.
n
Overvoltage: An over-voltage fault exists when the
bq2040 measures a voltage more than 5% above the
ChargingVoltage.
When the bq2040 detects an
overvoltage condition, the requested charge current is
set to 0 and the Terminate_Charge_Alarm bit is set
in BatteryStatus. The alarm bit is cleared when the
current drops below 256mA and the voltage is less
than 105% of ChargingVoltage.
n
Overcurrent: An overcurrent fault exists when the
bq2040 measures a charge current more than 25%
above the ChargingCurrent. If the ChargingCurrent
is less than 1024mA, an overcurrent fault exists if the
charge current is more than 1mA above the lowest
multiple of 256mA that exceeds the ChargingCurrent.
When the bq2040 detects an overcurrent condition, the
requested charge current is set to 0 and the
Terminate_Charge_Alarm bit is set in Battery Status.
The alarm bit is cleared when the current drops below
256mA.
n
Maximum
Temperature:
When
the
battery
temperature
equals
the
programmed
maximum
temperature, the requested charge current is set to
zero
and
the
Over_Temp_Alarm
and
the
Terminate_Charge_Alarm bits are set in Battery
Status. The Over_Temp_Alarm bit is cleared when
the temperature drops to 43°C below the maximum
temperature threshold minus 5
°C.
n
PSTAT: When the PSTAT input is
≥1.5V, the
requested charge current is set to 0 and the
Terminate_Charge_Alarm bit is set in BatteryStatus
if the Discharging flag is not set. The alarm bit is
cleared when the PSTAT input is <1.0V or the
Discharging flag is set.
n
Low Temperature: When the battery temperature
is less than 12°C (LTF bit in FLAGS2 set), the
requested charge current is set to the maintenance
rate.
Once the temperature is above 15
°C, the
requested charge current is set to the fast rate.
n
Undervoltage: When the battery voltage is below
the EDVF threshold, the requested charge current is
set to the EDVF rate stored in EE0x5a/0x5b. Once
the voltage is above EDVF, the requested charge
current is set to the fast or maintenance rate
depending on the state of the LTF bit.
Count Compensations
Charge activity is compensated for temperature and
state-of-charge before updating the RM and/or DCR.
Self-discharge estimation is compensated for tempera-
ture before updating RM or DCR.
Charge Compensation
Charge efficiency is compensated for state-of-charge,
temperature, and battery chemistry.
The charge effi-
ciency is adjusted using the following equations:
1.) RM
RM *
Q
Q
EFC
ET
=−
()
where RelativeStateOfCharge < FullChargePercentage,
and Q
EFC is the programmed fast-charge efficiency vary-
ing from 0.75 to 1.0.
2.) RM
RM
Q
Q
ETC
ET
=−
*(
)
where RelativeStateOfCharge
≥ FullChargePercentage
and Q
ETC
is the programmed maintenance (trickle)
charge efficiency varying from 0.75 to 1.0.
Q
ET is used to adjust the charge efficiency as the battery
temperature increases according to the following:
Qif T
ET
=<
030
°C
QC
T
C
ET
=° ≤
<
°
002
30
40
.if
QT
C
ET
=≥
°
005
40
.if
QET is 0 over the entire temperature range for Li-Ion.
Digital Magnitude Filter
The bq2040 has a programmable digital filter to elimi-
nate charge and discharge counting below a set
threshold, VSRD. Table 2 shows typical digital filter
settings. The proper digital filter setting can be calcu-
lated using the following equation.
DMF =
45
VSRD
9
bq2040
DMF
DMF Hex.
VSRD (mV)
75
4B
0.60
100
64
0.45
150
96
0.30
175
AF
0.26
200
C8
0.23
Table 2. Typical Digital Filter Settings
Not Recommended For New Designs


Similar Part No. - BQ2040SN-D111G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040SN-D111 TI-BQ2040SN-D111 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-D111TR TI-BQ2040SN-D111TR Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040SN-D111TRG4 TI-BQ2040SN-D111TRG4 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
More results

Similar Description - BQ2040SN-D111G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2092 TI-BQ2092 Datasheet
213Kb / 28P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092 TI1-BQ2092_15 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com