Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq2052 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # bq2052
Description  Gas Gauge IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq2052 Datasheet(HTML) 3 Page - Texas Instruments

  bq2052 Datasheet HTML 1Page - Texas Instruments bq2052 Datasheet HTML 2Page - Texas Instruments bq2052 Datasheet HTML 3Page - Texas Instruments bq2052 Datasheet HTML 4Page - Texas Instruments bq2052 Datasheet HTML 5Page - Texas Instruments bq2052 Datasheet HTML 6Page - Texas Instruments bq2052 Datasheet HTML 7Page - Texas Instruments bq2052 Datasheet HTML 8Page - Texas Instruments bq2052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Functional Description
General Operation
The bq2052 determines battery capacity by monitoring
the amount of charge removed from a primary battery.
The bq2052 measures discharge currents and battery
voltage, monitors the battery for the low battery-voltage
thresholds, and compensates available capacity for tem-
perature and discharge rate. The bq2052 measures ca-
pacity by monitoring the voltage across a small-value se-
ries sense resistor between the negative battery termi-
nal and ground.
Figure 1 shows a typical battery pack application of the
bq2052 using the LED display capability as a
charge-state indicator.
The bq2052 displays capacity
with two, four, or five LEDs using the programmed full
count (PFC) as the battery’s “full” reference. The bq2052
has a push-button input for momentarily enabling the
LED display.
Measurements
The bq2052 uses a voltage-to-frequency converter (VFC)
for discharge measurement and an analog-to-digital con-
verter (ADC) for battery voltage measurement.
Discharge Counting
The VFC measures the discharge flow of the battery by
monitoring a small value sense resistor between the SR
pin and VSS as shown in Figure 1. The bq2052 detects
“discharge” activity when the potential at the SR input,
VSRO, is positive. The bq2052 integrates the signal over
time using an internal counter. The fundamental rate of
the counter is 3.125
µVh. The VFC measures signals up
to 0.5V in magnitude.
Digital Magnitude Filter
The bq2052 has a digital filter to eliminate discharge
counting below a set threshold. The minimum discharge
threshold, VSRD, for the bq2052 is 250
µV.
3
Preliminary
bq2052
FG205201.eps
PROG6
CP
HDQ
SEG5
SEG4
SEG3
SEG2
SEG1
VSS
DISP
SB
VCC
REF
bq2052
Gas Gauge IC
LCOM
SR
RBI
0.1
µF
Q1
ZVNL110A
R1
C1
100K
RS
RB1
RB2
Load
Indicates optional.
2. VCC can connect directly to two lithium primary cells
(6.0V nominal and should not exceed 6.5V).
Otherwise, R1, C1, and Q1 are needed for regulation of > 2 cells.
3. Programming resistors and ESD-protection diodes are not shown.
4. R-C on SR is required.
To
µC
H or L
5. A series diode is required on RBI if the bottom series cell is used as the backup source.
If the cell is used, the backup capacitor is not required, and the anode is connected to the
positive terminal of the cell.
1.
Notes:
Figure 1. Application Diagram—5-Segment LED Display
Not Recommended For New Designs


Similar Part No. - bq2052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2052 TI-BQ2052 Datasheet
161Kb / 18P
[Old version datasheet]   Gas Gauge IC for Lithium Primary Cells
BQ2052SN TI-BQ2052SN Datasheet
161Kb / 18P
[Old version datasheet]   Gas Gauge IC for Lithium Primary Cells
More results

Similar Description - bq2052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com