Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2050H Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2050H
Description  Low-Cost Lithium Ion Power Gauge??IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2050H Datasheet(HTML) 4 Page - Texas Instruments

  BQ2050H_15 Datasheet HTML 1Page - Texas Instruments BQ2050H_15 Datasheet HTML 2Page - Texas Instruments BQ2050H_15 Datasheet HTML 3Page - Texas Instruments BQ2050H_15 Datasheet HTML 4Page - Texas Instruments BQ2050H_15 Datasheet HTML 5Page - Texas Instruments BQ2050H_15 Datasheet HTML 6Page - Texas Instruments BQ2050H_15 Datasheet HTML 7Page - Texas Instruments BQ2050H_15 Datasheet HTML 8Page - Texas Instruments BQ2050H_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Voltage Thresholds
In conjunction with monitoring VSR for charge/discharge
currents, the bq2050H monitors the battery potential
through the SB pin. The voltage is determined through
a resistor-divider network per the following equation:
RB1
RB2
4N
=− 1
where N is the number of cells, RB1 is connected to the
positive battery terminal, and RB2 is connected to the
negative battery terminal. The single-cell battery volt-
age is monitored for the end-of-discharge voltage (EDV)
thresholds. The EDV threshold levels are used to deter-
mine when the battery has reached an “empty” state.
The EDV thresholds for the bq2050H are programmable
with the default values fixed at:
EDV1 (first) = 0.76V
EDVF (final) = EDV1-0.025V = 0.735V
If VSB is below either of the two EDV thresholds, the as-
sociated flag is latched and remains latched, independ-
ent of VSB, until the next valid charge. The VSB value is
also available over the serial port.
During discharge and charge, the bq2050H monitors
VSR for various thresholds used to compensate the
charge counter. EDV monitoring is disabled if the dis-
charge rate is greater than 2C (OVLD Flag = 1) and re-
sumes 1
2 second after the rate falls below 2C.
RBI Input
The RBI input pin is intended to be used with a storage
capacitor or external supply to provide backup potential
to the internal bq2050H registers when VCC drops below
3.0V. VCC is output on RBI when VCC is above 3.0V. If us-
ing an external supply (such as the bottom series cell) as
the backup source, an external diode is required for isola-
tion.
Reset
The bq2050H can be reset by removing VCC and ground-
ing the RBI pin for 15 seconds or by commands over the
serial port. The serial port reset command sequence re-
quires writing 00h to register PPFC (address = 1Eh) and
then writing 00h to register LMD (address = 05h).
Temperature
The bq2050H internally determines the temperature in
10°C steps centered from approximately -35°C to +85°C.
The temperature steps are used to adapt charge and dis-
charge rate compensations, self-discharge counting, and
available charge display translation. The temperature
range is available over the serial port in 10°C incre-
ments as shown in the following table:
Layout Considerations
The bq2050H measures the voltage differential between
the SR and VSS pins. VOS (the offset voltage at the SR
pin) is greatly affected by PC board layout. For optimal
results, the PC board layout should follow the strict rule
of a single-point ground return. Sharing high-current
ground with small signal ground causes undesirable
noise on the small signal nodes. Additionally:
I
The capacitors (C1 and C2) should be placed as
close
as
possible
to
the
VCC and SB pins,
respectively, and their paths to VSS should be as
short as possible. A high-quality ceramic capacitor
of 0.1
µF is recommended for VCC.
I
The sense-resistor capacitor should be placed as close
as possible to the SR pin.
I
The sense resistor (RS) should be as close as possible to
the bq2050H.
4
bq2050H
TMP (hex)
Temperature Range
0x
< -30°C
1x
-30°C to -20°C
2x
-20°C to -10°C
3x
-10°C to 0°C
4x
0°C to 10°C
5x
10°C to 20°C
6x
20°C to 30°C
7x
30°C to 40°C
8x
40°C to 50°C
9x
50°C to 60°C
Ax
60°C to 70°C
Bx
70°C to 80°C
Cx
> 80°C
Not Recommended For New Designs


Similar Part No. - BQ2050H_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050HSN TI-BQ2050HSN Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
BQ2050HSN-A308 TI-BQ2050HSN-A308 Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
BQ2050HSN-A508 TI-BQ2050HSN-A508 Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
BQ2050HSN-A508TR TI-BQ2050HSN-A508TR Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
More results

Similar Description - BQ2050H_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050H TI-BQ2050H Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
logo
List of Unclassifed Man...
BQ2050SN-D119 ETC-BQ2050SN-D119 Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050 TI-BQ2050 Datasheet
235Kb / 21P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2050 TI1-BQ2050_15 Datasheet
1Mb / 27P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2014H TI-BQ2014H Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014H TI1-BQ2014H_15 Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
logo
Mitsumi Electronics, Co...
MM3645 MITSUMI-MM3645 Datasheet
50Kb / 4P
   1cell Lithium-ion/Lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com