Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2022DBZRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2022DBZRG4
Description  1K-BIT SERIAL EPROM WITH SDQ INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2022DBZRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2022DBZRG4 Datasheet HTML 2Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 3Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 4Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 5Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 6Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 7Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 8Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 9Page - Texas Instruments BQ2022DBZRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
1
1
0
0
0
1
1
CRC (1 BYTE)
0
Reset
and
Presence
Signals
Match ROM (55h)
Family Code and Identification
Number (7 BYTES)
SEARCH ROM
BIT0
Reset
and
Presence
Signals
0
0
0
0
1
1
1
1
BITn
BIT63
Search ROM (F0h)
Data Read
SKIP ROM
1
0
0
0
1
1
0
Reset
and
Presence
Signals
Skip ROM (CCh)
1
bq2022
SLUS526F – OCTOBER 2002 – REVISED DECEMBER 2006
Figure 4. MATCH ROM Sequence
The SEARCH ROM command, F0h, is used to obtain the 8-bit family code and the 48-bit identification number
and 8-bit CRC of any SDQ device when it is unknown. All devices on the bus are read under the SEARCH ROM
command with the use of a collision-detect and device-decode method. Figure 5 shows the SEARCH ROM
sequence started by the host, generating the RESET pulse of at least 480
µs. The bq2022 responds with a
PRESENCE pulse. The host then issues the command in the command frame by writing an F0h. During the
DATA READ of the SEARCH ROM sequence, each bit is transmitted three times. The bq2022 transmits the bit
followed by the complement of the bit. The host in turn retransmits the bit just read. Collision detection is
performed by comparing the bit and bit complement time-slots. If they are both zero, this indicates that a
collision has occurred, indicating multiple devices on the bus. The device decode is achieved in the third
transmission of the bit from the host back to the bq2022. If the bit transmitted by the host does not match the bit
transmitted by the bq2022, then the device with mismatch stops transmitting. Devices that did match, continue
transmitting. This process is continued until all bits of a single device are read. The SEARCH ROM command is
reissued and the process is repeated to read additional devices.
NOTE:
NOTE: If the number of devices on the bus is unknown, the SEARCH ROM
command should be used.
A.
B = bit(n): nth bit transmitted by bq2022
B.
C = bit(n): complement of nth bit transmitted by bq2022
C.
H = bit(n): nth bit transmitted by host
Figure 5. SEARCH ROM Sequence
This SKIP ROM command, CCh, allows the host to access the memory/status functions without issuing the
64-bit ROM code sequence. The SKIP ROM command is directly followed by a memory/status functions
command. Because this command can cause bus collisions when multiple SDQ devices are on the same bus,
this command should be issued in single device applications.
Figure 6. SKIP ROM Sequence
6
Submit Documentation Feedback


Similar Part No. - BQ2022DBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022DBZRG4 TI-BQ2022DBZRG4 Datasheet
184Kb / 19P
[Old version datasheet]   1K-BIT SERLAL EPROM WITH SDQ INTERFACE
More results

Similar Description - BQ2022DBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
[Old version datasheet]   1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A_17 Datasheet
1Mb / 37P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
[Old version datasheet]   1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
[Old version datasheet]   1K-BIT SERLAL EPROM WITH SDQ INTERFACE
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
[Old version datasheet]   1.5K-Bit Serial EPROM With SDQ Interface
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
[Old version datasheet]   1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
Aplus Intergrated Circu...
APU4003T APLUS-APU4003T Datasheet
339Kb / 8P
   4-Bit Micro-Controller With EPROM, 1K Word
logo
Holtek Semiconductor In...
HT24C01 HOLTEK-HT24C01 Datasheet
444Kb / 9P
   1K/2K/4K-Bit HI2C Interface Serial EEPROM
logo
Catalyst Semiconductor
CAT33C101 CATALYST-CAT33C101 Datasheet
251Kb / 7P
   1K BIT SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com