Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2014HSNTRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2014HSNTRG4
Description  Low-Cost NiCd/NiMH Gas Gauge IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2014HSNTRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2014HSNTRG4 Datasheet HTML 5Page - Texas Instruments BQ2014HSNTRG4 Datasheet HTML 6Page - Texas Instruments BQ2014HSNTRG4 Datasheet HTML 7Page - Texas Instruments BQ2014HSNTRG4 Datasheet HTML 8Page - Texas Instruments BQ2014HSNTRG4 Datasheet HTML 9Page - Texas Instruments BQ2014HSNTRG4 Datasheet HTML 10Page - Texas Instruments BQ2014HSNTRG4 Datasheet HTML 11Page - Texas Instruments BQ2014HSNTRG4 Datasheet HTML 12Page - Texas Instruments BQ2014HSNTRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Error Summary
Capacity Inaccurate
The LMD is susceptible to error on initialization or if no
updates occur.
On initialization, the LMD value in-
cludes the error between the programmed full capacity
and the actual capacity. This error is present until a
valid discharge occurs and LMD is updated. (See the
DCR description.) The other cause of LMD error is bat-
tery wear-out. As the battery ages, the measured capac-
ity must be adjusted to account for changes in actual
battery capacity.
A Capacity Inaccurate counter (CPI) is maintained and
incremented each time a valid charge occurs (qualified
by NAC; see the CPI register description). It is reset
whenever LMD is updated from the DCR. The counter
does not wrap around but stops counting at 255. The ca-
pacity inaccurate flag (CI) is set if LMD has not been up-
dated following 64 valid charges.
Current-Sensing Error
Table 6 shows the non-linearity and non-repeatability
errors associated with the bq2014H current sensing.
Table 7 illustrates the current-sensing error as a func-
tion of VOS. A digital filter prevents charge and dis-
charge counts to the NAC register when VSRO is be-
tween VSRQ and VSRD.
Done Input
A charge-control IC or a microcontroller uses the DONE
input to communicate charge status to the bq2014H.
When the DONE input is asserted high on charge com-
pletion, the bq2014H sets NAC = LMD and VDQ = 1.
The DONE input should be maintained high as long as
the charge controller or microcontroller keeps the bat-
teries full; otherwise, the pin should be held low.
Communicating with the bq2014H
The bq2014H includes a simple single-pin (HDQ plus re-
turn) serial data interface. A host processor uses the in-
terface to access various bq2014H registers.
Battery
characteristics may be easily monitored by adding a sin-
gle contact to the battery pack. The open-drain HDQ
pin on the bq2014H should be pulled up by the host sys-
tem, or may be left floating if the serial interface is not
used.
The interface uses a command-based protocol, in which
the host processor sends a command byte to the
bq2014H. The command directs the bq2014H to either
store the next eight bits of data received to a register
specified by the command byte or output the eight bits
of data specified by the command byte. (See Figure 4.)
The communication protocol is asynchronous return-to-
one. Command and data bytes consist of a stream of
eight bits that have a maximum transmission rate of
5K bits/sec. The least-significant bit of a command or
data byte is transmitted first. The protocol is simple
enough that it can be implemented by most host proces-
sors using either polled or interrupt processing. Data
input from the bq2014H may be sampled using the
pulse-width capture timers available on some microcon-
trollers.
If a communication error occurs (e.g., tCYCB > 250
µs),
the bq2014H should be sent a BREAK to reinitiate the
serial interface. A BREAK is detected when the HDQ
pin is driven to a logic-low state for a time, tB or greater.
The HDQ pin should then be returned to its normal
ready-high logic state for a time, tBR. The bq2014H is
now ready to receive a command from the host proces-
sor.
9
VOS
(
µV)
Sense Resistor
20
50
100
m
50
0.25
0.10
0.05
%
100
0.50
0.20
0.10
%
150
0.75
0.30
0.15
%
180
0.90
0.36
0.18
%
Table 7. VOS-Related Current Sense Error
(Current = 1A)
Symbol
Parameter
Typical
Maximum
Units
Notes
INL
Integrated non-linearity
error
± 2
± 4
%
Add 0.1% per °C above or below 25°C
and 1% per volt above or below 4.25V.
INR
Integrated non-
repeatability error
± 1
± 2
%
Measurement repeatability given
similar operating conditions.
Table 6. bq2014H Current-Sensing Errors
bq2014H


Similar Part No. - BQ2014HSNTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2014HSN TI-BQ2014HSN Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014HSN-A309 TI-BQ2014HSN-A309 Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
More results

Similar Description - BQ2014HSNTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2014H TI-BQ2014H Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2110 TI-BQ2110 Datasheet
770Kb / 8P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module
BQ2164 TI-BQ2164 Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2114 TI-BQ2114 Datasheet
659Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Charge-Control Output
BQ2112 TI-BQ2112 Datasheet
749Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Slow-Charge Control
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com