Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2004HSNG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2004HSNG4
Description  Fast-Charge ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2004HSNG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2004HSNG4 Datasheet HTML 3Page - Texas Instruments BQ2004HSNG4 Datasheet HTML 4Page - Texas Instruments BQ2004HSNG4 Datasheet HTML 5Page - Texas Instruments BQ2004HSNG4 Datasheet HTML 6Page - Texas Instruments BQ2004HSNG4 Datasheet HTML 7Page - Texas Instruments BQ2004HSNG4 Datasheet HTML 8Page - Texas Instruments BQ2004HSNG4 Datasheet HTML 9Page - Texas Instruments BQ2004HSNG4 Datasheet HTML 10Page - Texas Instruments BQ2004HSNG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Maximum charge time is configured using the TM pin.
Time settings are available for corresponding charge
rates of C/4, C/2, 1C, and 2C. Maximum time-out termi-
nation is enforced on the fast-charge phase, then reset,
and enforced again on the top-off phase, if selected.
There is no time limit on the trickle-charge phase.
Top-off Charge
An optional top-off charge phase may be selected to
follow fast charge termination for the C/2 through 4C
rates. This phase may be necessary on NiMH or other
battery chemistries that have a tendency to terminate
charge prior to reaching full capacity. With top-off en-
abled, charging continues at a reduced rate after
fast-charge termination for a period of time equal to
0.235
∗ the fast-charge safety time (See Table 1.) Dur-
ing top-off, the MOD pin is enabled at a duty cycle of
260
µs active for every 1820µs inactive. This modula-
tion results in an average rate 1/8th that of the fast
charge rate. Maximum voltage, time, and temperature
are the only termination methods enabled during top-
off.
Pulse-Trickle Charge
Pulse-trickle charging may be configured to follow the
fast charge and optional top-off charge phases to com-
pensate for self-discharge of the battery while it is idle
in the charger.
In the pulse-trickle mode, MOD is active for 260
µsofa
period specified by the settings of TM1 and TM2. See
Table 1. The resulting trickle-charge rate is C/512.
Both pulse trickle and top-off may be disabled by tying
TM1 and TM2 to VSS or by selecting Mode 2 in the dis-
play.
Charge Status Indication
Charge status is indicated by the LED1 and LED2 out-
puts. The state of these outputs in the various charge cy-
cle phases is given in Table 2 and illustrated in Figure 3.
In all cases, if VCELL exceeds the voltage at the MCV
pin, both LED1 and LED2 outputs are held low regard-
less of other conditions. Both can be used to directly
drive an LED.
Charge Current Control
The bq2004E/H controls charge current through the MOD
output pin. The current control circuitry is designed to sup-
port implementation of a constant-current switching regulator
or to gate an externally regulated current source.
When used in switch mode configuration, the nominal
regulated current is:
IREG = 0.225V/RSNS
Charge current is monitored at the SNS input by the
voltage drop across a sense resistor, RSNS, between the
low side of the battery pack and ground. RSNS is sized to
provide the desired fast charge current.
If the voltage at the SNS pin is less than VSNSLO, the
MOD output is switched high to pass charge current to
the battery.
When the SNS voltage is greater than VSNSHI, the MOD
output is switched low—shutting off charging current to
the battery.
VSNSLO = 0.04
∗ VCC ± 25mV
VSNSHI = 0.05
∗ VCC ± 25mV
When used to gate an externally regulated current
source, the SNS pin is connected to VSS, and no sense re-
sisitor is required.
7
bq2004E/H


Similar Part No. - BQ2004HSNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2004HSN TI-BQ2004HSN Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge ICs
BQ2004HSN TI-BQ2004HSN Datasheet
172Kb / 19P
[Old version datasheet]   Fast-Charge ICs
More results

Similar Description - BQ2004HSNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2004E TI-BQ2004E_08 Datasheet
295Kb / 19P
[Old version datasheet]   Fast-Charge ICs
BQ2004E TI-BQ2004E Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge ICs
BQ2004E TI-BQ2004E_07 Datasheet
172Kb / 19P
[Old version datasheet]   Fast-Charge ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com