Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2011K Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ2011K
Description  Gas Gauge IC for High Discharge Rates
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2011K Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2011K Datasheet HTML 4Page - Texas Instruments BQ2011K Datasheet HTML 5Page - Texas Instruments BQ2011K Datasheet HTML 6Page - Texas Instruments BQ2011K Datasheet HTML 7Page - Texas Instruments BQ2011K Datasheet HTML 8Page - Texas Instruments BQ2011K Datasheet HTML 9Page - Texas Instruments BQ2011K Datasheet HTML 10Page - Texas Instruments BQ2011K Datasheet HTML 11Page - Texas Instruments BQ2011K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Self-Discharge Compensation
The self-discharge compensation is programmed for a
nominal rate of 1
80
* NAC per day or disabled. This is
the rate for a battery within the 20–30°C temperature
range (TMPGG = 6x). This rate varies across 8 ranges
from <10°C to >70°C, doubling with each higher tem-
perature step (10°C). See Table 3.
Error Summary
The LMD is susceptible to error on initialization or if no
updates occur.
On initialization, the LMD value in-
cludes the error between the programmed full capacity
and the actual capacity. This error is present until a
valid discharge occurs and LMD is updated (see the
DCR description in the “Layout Considerations” section).
The other cause of LMD error is battery wear-out. As
the battery ages, the measured capacity must be ad-
justed to account for changes in actual battery capacity.
Current-Sensing Error
Table 4 illustrates the current-sensing error as a func-
tion of VSR. A digital filter eliminates charge and
discharge counts to the NAC register when VSRO (VSR +
VOS) is between -400
µV and 500µV.
Communicating With the bq2011K
The bq2011K includes a simple single-pin (DQ plus re-
turn) serial data interface. A host processor uses the in-
terface to access various bq2011K registers. Battery char-
acteristics may be easily monitored by adding a single con-
tact to the battery pack. The open-drain DQ pin on the
bq2011K should be pulled up by the host system, or may be
left floating if the serial interface is not used.
The interface uses a command-based protocol, where the
host processor sends a command byte to the bq2011K.
The command directs the bq2011K to either store the
next eight bits of data received to a register specified by
the command byte or output the eight bits of data speci-
fied by the command byte.
The communication protocol is asynchronous return-to-
one. Command and data bytes consist of a stream of eight
bits that have a maximum transmission rate of 333
bits/sec. The least-significant bit of a command or data
byte is transmitted first. The protocol is simple enough
that it can be implemented by most host processors using
either polled or interrupt processing. Data input from the
bq2011K may be sampled using the pulse-width capture
timers available on some microcontrollers.
Communication is normally initiated by the host proces-
sor sending a BREAK command to the bq2011K.
A
BREAK is detected when the DQ pin is driven to a
logic-low state for a time, tB or greater. The DQ pin
should then be returned to its normal ready-high logic
state for a time, tBR. The bq2011K is now ready to re-
ceive a command from the host processor.
The return-to-one data bit frame consists of three distinct
sections. The first section is used to start the transmission
by either the host or the bq2011K taking the DQ pin to a
8
bq2011K
Temperature
Range
Self-Discharge Compensation
Typical Rate/Day
< 10°C
NAC
320
10–20°C
NAC
160
20–30°C
NAC
80
30–40°C
NAC
40
40–50°C
NAC
20
50–60°C
NAC
10
60–70°C
NAC
5
> 70°C
NAC
25
.
Table 3. Self-Discharge Compensation
Symbol
Parameter
Typical
Maximum
Units
Notes
INL
Integrated non-linearity
error
± 2
± 4
%
Add 0.1% per °C above or below 25°C
and 1% per volt above or below 4.25V.
INR
Integrated non-
repeatability error
± 1
± 2
%
Measurement repeatability given
similar operating conditions.
Table 4. bq2011K Current-Sensing Errors


Similar Part No. - BQ2011K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2011K TI-BQ2011K Datasheet
175Kb / 20P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
BQ2011KSN- TI-BQ2011KSN- Datasheet
175Kb / 20P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
BQ2011KSN-N TI-BQ2011KSN-N Datasheet
175Kb / 20P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
More results

Similar Description - BQ2011K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2011 TI1-BQ2011_15 Datasheet
603Kb / 26P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
BQ2011 TI-BQ2011 Datasheet
181Kb / 20P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
BQ2011K TI-BQ2011K Datasheet
175Kb / 20P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
BQ2016 TI1-BQ2016_15 Datasheet
401Kb / 25P
[Old version datasheet]   GAS GAUGE IC FOR HIGH DISCHARGE RATES
BQ2016 TI-BQ2016 Datasheet
291Kb / 21P
[Old version datasheet]   GAS GAUGE IC FOR HIGH DISCHARGE RATES
BQ2011 TI-BQ2011_05 Datasheet
204Kb / 21P
[Old version datasheet]   Gas Gauge IC for High Discharge Rates
BQ2111L TI-BQ2111L Datasheet
742Kb / 7P
[Old version datasheet]   NiCd Gas Gauge Module with LEDs for High Discharge Rates
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com