Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2000TSN-B5TR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2000TSN-B5TR
Description  Programmable Multi-Chemistry Fast-Charge Management IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2000TSN-B5TR Datasheet(HTML) 2 Page - Texas Instruments

  BQ2000TSN-B5TR Datasheet HTML 1Page - Texas Instruments BQ2000TSN-B5TR Datasheet HTML 2Page - Texas Instruments BQ2000TSN-B5TR Datasheet HTML 3Page - Texas Instruments BQ2000TSN-B5TR Datasheet HTML 4Page - Texas Instruments BQ2000TSN-B5TR Datasheet HTML 5Page - Texas Instruments BQ2000TSN-B5TR Datasheet HTML 6Page - Texas Instruments BQ2000TSN-B5TR Datasheet HTML 7Page - Texas Instruments BQ2000TSN-B5TR Datasheet HTML 8Page - Texas Instruments BQ2000TSN-B5TR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
bq2000T
SLUS149D – MAY 1999 – REVISED JANUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN DESCRIPTIONS
SNS
Current-sense input
Enables the bq2000T to sense the battery current via the voltage developed on this pin by an
external sense-resistor connected in series with the battery pack
VSS
System ground
Connect to the battery’s negative terminal
LED
Charge-status output
Open-drain output that indicates the charging status by turning on, turning off, or flashing an external
LED, driven through a resistor.
BAT
Battery-voltage input
Battery-voltage sense input. A simple resistive divider, across the battery terminals, generates this
input.
TS
Temperature-sense input
Input for an external battery-temperature monitoring circuit. An external resistive divider network with
a negative temperature-coefficient thermistor sets the lower and upper temperature thresholds.
RC
Timer-program input
Used to program the maximum fast charge-time, maximum top-off charge-time, hold-off period, trickle
charge rate, and to disable or enable top-off charge. A capacitor from VCC and a resistor to ground
connect to this pin.
VCC
Supply-voltage input
Recommended bypassing is 10 µF + 0.1 µF to 0.22 µF of decoupling capacitance near the pin.
MOD
Modulation-control output
Push-pull output that controls the charging current to the battery. MOD switches high to enable
charging current to flow and low to inhibit charging-current flow.
2
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): bq2000T


Similar Part No. - BQ2000TSN-B5TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ2000TSN-B5TR ETC1-BQ2000TSN-B5TR Datasheet
677Kb / 18P
   Programmable Multi-Chemistry Fast-Charge Management IC
More results

Similar Description - BQ2000TSN-B5TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI-BQ2000T Datasheet
140Kb / 16P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
logo
List of Unclassifed Man...
BQ2000T ETC1-BQ2000T Datasheet
677Kb / 18P
   Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000 TI1-BQ2000_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
   4A Multi-Type Battery Charge Management IC
logo
Texas Instruments
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com