Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2003PNE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2003PNE4
Description  Fast-Charge IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2003PNE4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2003PNE4 Datasheet HTML 1Page - Texas Instruments BQ2003PNE4 Datasheet HTML 2Page - Texas Instruments BQ2003PNE4 Datasheet HTML 3Page - Texas Instruments BQ2003PNE4 Datasheet HTML 4Page - Texas Instruments BQ2003PNE4 Datasheet HTML 5Page - Texas Instruments BQ2003PNE4 Datasheet HTML 6Page - Texas Instruments BQ2003PNE4 Datasheet HTML 7Page - Texas Instruments BQ2003PNE4 Datasheet HTML 8Page - Texas Instruments BQ2003PNE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
Fast charge and conditioning of
nickel cadmium or nickel-metal
hydride batteries
Hysteretic PWM switch-mode
current regulation or gated con-
trol of an external regulator
Easily integrated into systems
or used as a stand-alone charger
Pre-charge qualification of tem-
perature and voltage
Direct LED outputs display
battery and charge status
Fast-charge termination by
∆ temperature/∆ time, -∆V, maxi-
mum voltage, maximum tem-
perature, and maximum time
Optional top-off charge
General Description
The bq2003 Fast Charge IC provides
comprehensive fast charge control
functions together with high-speed
switching power control circuitry on a
monolithic CMOS device.
Integration of closed-loop current
control circuitry allows the bq2003
to be the basis of a cost-effective so-
lution for stand-alone and system-
integrated chargers for batteries of
one or more cells.
Switch-activated discharge-before-
charge allows bq2003-based chargers
to support battery conditioning and
capacity determination.
High-efficiency power conversion is
accomplished using the bq2003 as a
hysteretic PWM controller for
switch-mode regulation of the charg-
ing current. The bq2003 may alterna-
tively be used to gate an externally
regulated charging current.
Fast charge may begin on applica-
tion of the charging supply, replace-
ment of the battery, or switch de-
pression. For safety, fast charge is
inhibited unless/until the battery
temperature and voltage are within
configured limits.
Temperature, voltage, and time are
monitored throughout fast charge.
Fast charge is terminated by any of
the following:
n Rate of temperature rise
(
∆T/∆t)
n Negative delta voltage (-
∆V)
n Maximum voltage
n Maximum temperature
n Maximum time
After fast charge, an optional top-off
phase is available.
Constant-cur-
rent maintenence charge is provided
by an external trickle resistor.
Fast-Charge IC
bq2003
CCMD
Charge command/select
DCMD
Discharge command
DVEN
-
∆V enable/disable
TM
1
Timer mode select 1
TM
2
Timer mode select 2
TS
Temperature sense
BAT
Battery voltage
VSS
System ground
1
PN200301.eps
16-Pin DIP or SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
DIS
MOD
CHG
TEMP
MCV
TCO
SNS
CCMD
DCMD
DVEN
TM1
TM2
TS
BAT
VSS
SNS
Sense resistor input
TCO
Temperature cutoff
MCV
Maximum voltage
TEMP
Temperature status
output
CHG
Charging status output
MOD
Charge current control
DIS
Discharge control
VCC
5.0V
±10% power
Pin Connections
Pin Names
SLUS095A - OCTOBER 1999 I


Similar Part No. - BQ2003PNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2003PN TI-BQ2003PN Datasheet
139Kb / 15P
[Old version datasheet]   Fast-Charge IC
More results

Similar Description - BQ2003PNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2004 TI1-BQ2004_16 Datasheet
617Kb / 22P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
[Old version datasheet]   Fast-Charge IC
BQ2004 TI-BQ2004 Datasheet
141Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI-BQ2007 Datasheet
172Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI1-BQ2007_09 Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2031SN-A5TR TI1-BQ2031SN-A5TR Datasheet
370Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com