Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2005 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2005
Description  Fast- Charge IC for Dual-Bat tery Packs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2005 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2005 Datasheet HTML 1Page - Texas Instruments BQ2005 Datasheet HTML 2Page - Texas Instruments BQ2005 Datasheet HTML 3Page - Texas Instruments BQ2005 Datasheet HTML 4Page - Texas Instruments BQ2005 Datasheet HTML 5Page - Texas Instruments BQ2005 Datasheet HTML 6Page - Texas Instruments BQ2005 Datasheet HTML 7Page - Texas Instruments BQ2005 Datasheet HTML 8Page - Texas Instruments BQ2005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Pin Descriptions
DCMDA
Discharge-before-charge control input,
battery A
DCMDA controls the discharge-before-charge
function of the bq2005.
A negative-going
pulse on DCMDA initiates a discharge to
EDV followed by a charge if conditions allow.
By tying DCMDA to ground, automatic
discharge-before-charge is enabled on every
new charge cycle start.
DVEN
-
∆ Venable input
This input enables/disables -
∆ V charge termi-
nation. If DVEN is high, the -
∆ V test is en-
abled.
If DVEN is low, -
∆ V test is disabled.
The state of DVEN may be changed at any
time.
TM1
TM2
Timer mode inputs
TM1 and TM2 are three-state inputs that con-
figure the fast charge safety timer, -
∆V hold-
off time, and that enhance/disable top-off.
See Table 2.
TCO
Temperature cutoff threshold input
Input to set maximum allowable battery
temperature.
If the potential between TSA
and SNSA or TSB and SNSB is less than the
voltage at the TCO input, then fast charge or
top-off charge is terminated for the corre-
sponding battery pack.
TSA,
TSB
Temperature sense inputs
Input, referenced to SNSA or SNSB, respec-
tively, for an external thermistor monitoring
battery temperature.
BATA,
BATB
Voltage inputs
The battery voltage sense input, referenced to
SNSA,B, respectively.
This is created by a
high-impedance resistor divider network con-
nected between the positive and the negative
terminals of the battery.
SNSA,
SNSB
Charging current sense inputs,
SNSA,B controls the switching of MODA,B
based on the voltage across a n external
sense resistor in the current path of the bat-
tery. SNS is the reference potential for the
TS and BAT pins.
If SNS is connected to
VSS, MOD switches high at the beginning of
charge and low at the end of charge.
DISA
Discharge control output
Push-pull output used to control an external
transistor to discharge battery A before
charging.
CHA,
CHB
Charge status outputs
Push-pull outputs indicating charging status
for batteries A and B, respectively. See Fig-
ure 1 and Table 2.
FCCA,
FCCB
Fast charge complete outputs
Open-drain outputs indicating fast charge
complete for batteries A and B, respectively.
See Figure 1 and Table 2.
MODA,
MODB
Charge current control outputs
MODA,B is a push-pull output that is used to
control the charging current to the battery.
MODA,B switches high to enable charging
current to flow and low to inhibit charging
current flow t o batteries A and B,
respectively.
VCC
VCC supply input
5.0 V, ±10% power input.
Vss
Ground
2
bq2005


Similar Part No. - BQ2005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
BQ2005PN TI-BQ2005PN Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
BQ2005S TI-BQ2005S Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
BQ2005SG4 TI-BQ2005SG4 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
BQ2005STR TI-BQ2005STR Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
More results

Similar Description - BQ2005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
BQ2004 TI1-BQ2004_16 Datasheet
617Kb / 22P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI-BQ2003 Datasheet
139Kb / 15P
[Old version datasheet]   Fast-Charge IC
BQ2004 TI-BQ2004 Datasheet
141Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2003 TI1-BQ2003_12 Datasheet
482Kb / 18P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI-BQ2007 Datasheet
172Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2007 TI1-BQ2007_09 Datasheet
350Kb / 16P
[Old version datasheet]   Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2031 TI-BQ2031 Datasheet
169Kb / 16P
[Old version datasheet]   Lead-Acid Fast-Charge IC
BQ2031PN-A5 TI1-BQ2031PN-A5 Datasheet
337Kb / 19P
[Old version datasheet]   Lead-Acid Fast-Charge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com