Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2004H Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2004H
Description  Fast-Charge ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2004H Datasheet(HTML) 3 Page - Texas Instruments

  BQ2004H Datasheet HTML 1Page - Texas Instruments BQ2004H Datasheet HTML 2Page - Texas Instruments BQ2004H Datasheet HTML 3Page - Texas Instruments BQ2004H Datasheet HTML 4Page - Texas Instruments BQ2004H Datasheet HTML 5Page - Texas Instruments BQ2004H Datasheet HTML 6Page - Texas Instruments BQ2004H Datasheet HTML 7Page - Texas Instruments BQ2004H Datasheet HTML 8Page - Texas Instruments BQ2004H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Functional Description
Figure 2 shows a block diagram and Figure 3 shows a
state diagram of the bq2004E/H.
Battery Voltage and Temperature
Measurements
Battery voltage and temperature are monitored for
maximum allowable values. The voltage presented on
the battery sense input, BAT, should represent a
two-cell potential for the battery under charge.
A
resistor-divider ratio of:
RB1
RB2
=
N
2
- 1
is recommended to maintain the battery voltage within
the valid range, where N is the number of cells, RB1 is
the resistor connected to the positive battery terminal,
and RB2 is the resistor connected to the negative bat-
tery terminal. See Figure 1.
Note: This resistor-divider network input impedance to
end-to-end should be at least 200k
Ω and less than 1MΩ.
A ground-referenced negative temperature coefficient ther-
mistor placed in proximity to the battery may be used as a
low-cost temperature-to-voltage transducer. The tempera-
ture sense voltage input at TS is developed using a
resistor-thermistor network between VCC and VSS. See
Figure 1. Both the BAT and TS inputs are referenced to
SNS, so the signals used inside the IC are:
VBAT -VSNS =VCELL
and
VTS -VSNS =VTEMP
Discharge-Before-Charge
The DCMD input is used to command discharge-before-
charge via the DIS output. Once activated, DIS becomes
active (high) until VCELL falls below VEDV, at which time
DIS goes low and a new fast charge cycle begins.
The DCMD input is internally pulled up to VCC (its inac-
tive state). Leaving the input unconnected, therefore,
results in disabling discharge-before-charge. A negative
going pulse on DCMD initiates discharge-before-charge
at any time regardless of the current state of the
bq2004. If DCMD is tied to VSS, discharge-before-charge
will be the first step in all newly started charge cycles.
Starting A Charge Cycle
A new charge cycle is started by:
1.
Application of VCC power.
2.
VCELL falling through the maximum cell voltage,
VMCV where:
VMCV = 0.8
∗ VCC ± 30mV
3.
A transition on the INH input from low to high.
If DCMD is tied low, a discharge-before-charge will be
executed as the first step of the new charge cycle. Oth-
erwise, pre-charge qualification testing will be the first
step.
The battery must be within the configured temperature
and voltage limits before fast charging begins.
The valid battery voltage range is VEDV <VBAT <VMCV
where:
VEDV = 0.4
∗ VCC ± 30mV
3
bq2004E/H
Fg2004a.eps
N
T
C
bq2004E/H
VCC
PACK +
PACK -
TS
SNS
RT1
RT2
RB2
RB1
bq2004E/H
Negative Temperature
Coefficient Thermister
PACK+
PACK-
BAT
SNS
Figure 1. Voltage and Temperature Monitoring


Similar Part No. - BQ2004H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2004H TI-BQ2004H Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge ICs
BQ2004H TI-BQ2004H Datasheet
172Kb / 19P
[Old version datasheet]   Fast-Charge ICs
BQ2004H TI-BQ2004H Datasheet
295Kb / 19P
[Old version datasheet]   Fast-Charge ICs
BQ2004HPN TI-BQ2004HPN Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge ICs
BQ2004HPN TI-BQ2004HPN Datasheet
172Kb / 19P
[Old version datasheet]   Fast-Charge ICs
More results

Similar Description - BQ2004H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2004E TI-BQ2004E_08 Datasheet
295Kb / 19P
[Old version datasheet]   Fast-Charge ICs
BQ2004E TI-BQ2004E Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge ICs
BQ2004E TI-BQ2004E_07 Datasheet
172Kb / 19P
[Old version datasheet]   Fast-Charge ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com