Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54620RHLT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54620RHLT
Description  4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54620RHLT Datasheet(HTML) 4 Page - Texas Instruments

  TPS54620RHLT Datasheet HTML 1Page - Texas Instruments TPS54620RHLT Datasheet HTML 2Page - Texas Instruments TPS54620RHLT Datasheet HTML 3Page - Texas Instruments TPS54620RHLT Datasheet HTML 4Page - Texas Instruments TPS54620RHLT Datasheet HTML 5Page - Texas Instruments TPS54620RHLT Datasheet HTML 6Page - Texas Instruments TPS54620RHLT Datasheet HTML 7Page - Texas Instruments TPS54620RHLT Datasheet HTML 8Page - Texas Instruments TPS54620RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
13 BOOT
12 PH
11 PH
10 EN
9 SS/TR
GND 2
GND 3
PVIN 4
PVIN 5
VIN 6
7
8
1
14
RT/CLK
PWRGD
VSENSE
COMP
(15)
Exposed
Thermal Pad
4
TPS54620
SLVS949E – MAY 2009 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS54620
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
I = input, O = output, G = GND, P = Power
6 Pin Configurations and Functions
RHL and RGY PACKAGE
(TOP VIEW)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
RT/CLK
1
I
Automatically selects between RT mode and CLK mode. An external timing resistor adjusts the
switching frequency of the device; In CLK mode, the device synchronizes to an external clock.
GND
2, 3
G
Return for control circuitry and low-side power MOSFET.
PVIN
4, 5
P
Power input. Supplies the power switches of the power converter.
VIN
6
P
Supplies the control circuitry of the power converter.
VSENSE
7
I
Inverting input of the gm error amplifier.
COMP
8
O
Error amplifier output, and input to the output switch current comparator. Connect frequency
compensation to this pin.
SS/TR
9
O
Slow-start and tracking. An external capacitor connected to this pin sets the internal voltage reference
rise time. The voltage on this pin overrides the internal reference. It can be used for tracking and
sequencing.
EN
10
I
Enable pin. Float to enable. Adjust the input undervoltage lockout with two resistors.
PH
11, 12
O
The switch node.
BOOT
13
I
A bootstrap cap is required between BOOT and PH. The voltage on this cap carries the gate drive
voltage for the high-side MOSFET.
PWRGD
14
G
Power Good fault pin. Asserts low if output voltage is low due to thermal shutdown, dropout, over-
voltage, EN shutdown or during slow start.
Exposed
Thermal
PAD
15
G
Thermal pad of the package and signal ground and it must be soldered down for proper operation.


Similar Part No. - TPS54620RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620RHLT TI-TPS54620RHLT Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
More results

Similar Description - TPS54620RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54622 TI-TPS54622_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54622 4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT??Converter With Hiccup Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com