Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3838E18-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS3838E18-Q1
Description  NANOPOWER SUPERVIDORY CIRCUITS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3838E18-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3838E18-Q1 Datasheet HTML 1Page - Texas Instruments TPS3838E18-Q1 Datasheet HTML 2Page - Texas Instruments TPS3838E18-Q1 Datasheet HTML 3Page - Texas Instruments TPS3838E18-Q1 Datasheet HTML 4Page - Texas Instruments TPS3838E18-Q1 Datasheet HTML 5Page - Texas Instruments TPS3838E18-Q1 Datasheet HTML 6Page - Texas Instruments TPS3838E18-Q1 Datasheet HTML 7Page - Texas Instruments TPS3838E18-Q1 Datasheet HTML 8Page - Texas Instruments TPS3838E18-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPS3836E18-Q1 / J25-Q1 / H30-Q1 / L30-Q1 / K33-Q1
TPS3837E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1, TPS3838E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1
NANOPOWER SUPERVISORY CIRCUITS
SGLS141A − DECEMBER 2002 − REVISED JANUARY 2007
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All other pins (see Note 1)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum low output current, IOL
5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum high output current, IOH
−5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VDD)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDD)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Soldering temperature
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND. For reliable operation, the device must not be operated at 7 V for more than t=1000 h
continuously
DISSIPATION RATING TABLE
PACKAGE
TA <25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
DBV
437 mW
3.5 mW/ºC
280 mW
227 mW
87 mW
recommended operating conditions at specified temperature range
MIN
MAX
UNIT
Supply voltage, VDD
1.6
6
V
Input voltage, VI
0
VDD + 0.3
V
High-level input voltage, VIH
0.7
× VDD
V
Low-level input voltage, VIL
0.3
× VDD
V
Input transition rise and fall rate at MR,
∆t/∆V
100
ns/V
Operating free-air temperature range, TA
−40
125
°C


Similar Part No. - TPS3838E18-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3838E18-Q1 TI-TPS3838E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results

Similar Description - TPS3838E18-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
[Old version datasheet]   Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
[Old version datasheet]   Nanopower Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com