Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3836L30-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS3836L30-Q1
Description  NANOPOWER SUPERVIDORY CIRCUITS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3836L30-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3836L30-Q1 Datasheet HTML 4Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 5Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 6Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 7Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 8Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 9Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 10Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 11Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TPS3836E18-Q1 / J25-Q1 / H30-Q1 / L30-Q1 / K33-Q1
TPS3837E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1, TPS3838E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1
NANOPOWER SUPERVISORY CIRCUITS
SGLS141A − DECEMBER 2002 − REVISED JANUARY 2007
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
0246
Figure 1
VDD − Supply Voltage − V
MR = Open
CT = GND
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
TA = −40°C
TA = 0°C
TA = 25°C
TA = 85°C
Figure 2
VMR − Manual Reset Voltage − V
−500
−400
−300
−200
−100
0
100
−2
024
6
MANUAL RESET CURRENT
vs
MANUAL RESET VOLTAGE
VDD = 6 V
CT = GND
TA = 25°C
TA = 85°C
TA = 0°C
TA = −40°C
Figure 3
IOL − Low-Level Output Current − mA
0.0
0.5
1.0
1.5
2.0
01234567
VDD = 2 V
MR = OPEN
CT = GND
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
TA = 25°C
TA = −40°C
TA = 85°C
TA = 0°C
Figure 4
0.0
0.5
1.0
1.5
2.0
0
1234
5
IOH − High-Level Output Current − mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VDD = 2 V
MR = OPEN
CT = GND
TA = 85°C
TA = −40°C
TA = 0°C
TA = 25°C


Similar Part No. - TPS3836L30-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836L30-Q1 TI-TPS3836L30-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results

Similar Description - TPS3836L30-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
[Old version datasheet]   Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
[Old version datasheet]   Nanopower Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com