Electronic Components Datasheet Search |
|
SN54ALS574BJ Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN54ALS574BJ Datasheet(HTML) 1 Page - Texas Instruments |
1 / 25 page SN54ALS574B, SN54AS574, SN54AS575 SN74ALS574B, SN74ALS575A, SN74AS574, SN74AS575 OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS SDAS165B – JUNE 1982 – REVISED JULY 1995 Copyright © 1995, Texas Instruments Incorporated 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 • 3-State Buffer-Type Noninverting Outputs Drive Bus Lines Directly • Bus-Structured Pinout • Buffered Control Inputs • SN74ALS575A and ′AS575 Have Synchronous Clear • Package Options Include Plastic Small-Outline (DW) Packages, Ceramic Chip Carriers (FK), Standard Plastic (N, NT) and Ceramic (J, JT) 300-mil DIPs, and Ceramic Flat (W) Packages description These octal D-type edge-triggered flip-flops feature 3-state outputs designed specifically for bus driving. They are particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. The eight flip-flops enter data on the low-to-high transition of the clock (CLK) input. The SN74ALS575A, SN54AS575, and SN74AS575 may be synchronously cleared by taking the clear (CLR) input low. The output-enable (OE) input does not affect internal operations of the flip-flops. Old data can be retained or new data can be entered while the outputs are in the high-impedance state. The SN54ALS574B, SN54AS574, and SN54AS575 are characterized for operation over the full military temperature range of – 55 °C to 125 °C. The SN74ALS574B, SN74ALS575A, SN74AS574, and SN74AS575 are characterized for operation from 0 °C to 70°C. 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE 1D 2D 3D 4D 5D 6D 7D 8D GND VCC 1Q 2Q 3Q 4Q 5Q 6Q 7Q 8Q CLK SN54ALS574B, SN54AS574 ...J OR W PACKAGE SN74ALS574B, SN74AS574 . . . DW OR N PACKAGE (TOP VIEW) 32 1 20 19 9 10 11 12 13 4 5 6 7 8 18 17 16 15 14 2Q 3Q 4Q 5Q 6Q 3D 4D 5D 6D 7D SN54ALS574B, SN54AS574 . . . FK PACKAGE (TOP VIEW) SN54AS575 . . . JT OR W PACKAGE SN74ALS575A, SN74AS575 . . . DW OR NT PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 CLR OE 1D 2D 3D 4D 5D 6D 7D 8D NC GND VCC NC 1Q 2Q 3Q 4Q 5Q 6Q 7Q 8Q CLK NC SN54AS575 ...FK PACKAGE (TOP VIEW) 32 1 13 14 5 6 7 8 9 10 11 2Q 3Q 4Q NC 5Q 6Q 7Q 2D 3D 4D NC 5D 6D 7D 4 15 16 17 18 28 27 26 25 24 23 22 21 20 19 12 NC – No internal connection PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - SN54ALS574BJ |
|
Similar Description - SN54ALS574BJ |