Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8302101RA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 8302101RA
Description  8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

8302101RA Datasheet(HTML) 4 Page - Texas Instruments

  8302101RA Datasheet HTML 1Page - Texas Instruments 8302101RA Datasheet HTML 2Page - Texas Instruments 8302101RA Datasheet HTML 3Page - Texas Instruments 8302101RA Datasheet HTML 4Page - Texas Instruments 8302101RA Datasheet HTML 5Page - Texas Instruments 8302101RA Datasheet HTML 6Page - Texas Instruments 8302101RA Datasheet HTML 7Page - Texas Instruments 8302101RA Datasheet HTML 8Page - Texas Instruments 8302101RA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54ALS299, SN74ALS299
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
WITH 3-STATE OUTPUTS
SDAS220B – DECEMBER 1982 – REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54ALS299
SN74ALS299
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High level output current
QA
′ or QH′
– 0.4
– 0.4
mA
IOH
High-level output current
QA – QH
–1
– 2.6
mA
IOL
Low level output current
QA
′ or QH′
4
8
mA
IOL
Low-level output current
QA – QH
12
24
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS299
SN74ALS299
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
– 1.5
V
All outputs
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
QA QH
VCC =4 5V
IOH = – 1 mA
2.4
3.3
V
QA – QH
VCC = 4.5 V
IOH = – 2.6 mA
2.4
3.2
QA
′ or QH′
VCC =4 5V
IOL = 4 mA
0.25
0.4
0.25
0.4
VOL
QA
′ or QH′
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
VOL
QA QH
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
QA – QH
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
II
A – H
VCC =5 5V
VI = 5.5 V
0.1
0.1
mA
II
Any others
VCC = 5.5 V
VI = 7 V
0.1
0.1
mA
IIH‡
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
I ‡
S0, S1, SR, SL
VCC =5 5V
VI =0 4V
– 0.2
– 0.2
mA
IIL‡
Any others
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
I §
QA
′ or QH′
VCC =5 5V
VO = 2 25 V
–15
–70
–15
–70
mA
IO§
QA – QH
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
Outputs high
15
28
15
28
ICC
VCC = 5.5 V
Outputs low
22
38
22
38
mA
Outputs disabled
23
40
23
40
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports (QA–QH), the parameters IIH and IIL include the off-state output current.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - 8302101RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
8302101RA TI-8302101RA Datasheet
96Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
8302101RA TI-8302101RA Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
8302101RA TI1-8302101RA Datasheet
1Mb / 17P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - 8302101RA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS299 HITACHI-HD74LS299 Datasheet
91Kb / 6P
   8-bit Universal Shift/Storage Registers(with three-state outputs)
logo
Texas Instruments
SN74HC299 TI1-SN74HC299 Datasheet
224Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH DIRECT CLEAR AND 3-STATE OUTPUTS
SN54ALS323 TI-SN54ALS323 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com