Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7842EBG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS7842EBG4
Description  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7842EBG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7842EBG4 Datasheet HTML 1Page - Texas Instruments ADS7842EBG4 Datasheet HTML 2Page - Texas Instruments ADS7842EBG4 Datasheet HTML 3Page - Texas Instruments ADS7842EBG4 Datasheet HTML 4Page - Texas Instruments ADS7842EBG4 Datasheet HTML 5Page - Texas Instruments ADS7842EBG4 Datasheet HTML 6Page - Texas Instruments ADS7842EBG4 Datasheet HTML 7Page - Texas Instruments ADS7842EBG4 Datasheet HTML 8Page - Texas Instruments ADS7842EBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADS7842
SBAS103C
4
www.ti.com
ELECTRICAL CHARACTERISTICS: +2.7V
At TA = –40°C to +85°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.
ADS7842E
ADS7842EB
✻ Same specifications as ADS7842E.
NOTES: (1) LSB means Least Significant Bit. With VREF equal to +2.5V, one LSB is 610mV.
(2) First five harmonics of the test frequency.
(3) Power-down mode at end of conversion when WR, CS, and BUSY conditions have all been met. Refer to Table III of this data sheet.
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
Bits
ANALOG INPUT
Full-Scale Input Span
0
VREF
✻✻
V
Capacitance
25
pF
Leakage Current
±1
µA
SYSTEM PERFORMANCE
No Missing Codes
12
Bits
Integral Linearity Error
±2
±1
LSB(1)
Differential Linearity Error
±0.8
±0.5
±1LSB
Offset Error
±5
LSB
Offset Error Match
0.15
1.0
✻✻
LSB
Gain Error
±4
±3LSB
Gain Error Match
0.1
1.0
✻✻
LSB
Noise
30
µVrms
Power-Supply Rejection
70
dB
SAMPLING DYNAMICS
Conversion Time
12
Clk Cycles
Acquisition Time
3
Clk Cycles
Throughput Rate
125
kHz
Multiplexer Settling Time
500
ns
Aperture Delay
30
ns
Aperture Jitter
100
ps
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion(2)
3.6V
≥ V
CC ≥ 3.0V, VIN = 2.5Vp-p
–77
–70
–79
–74
dB
at 10kHz
3.0V > VCC ≥ 2.7V, VIN = 2.5Vp-p
–77
–70
✻✻
dB
at 10kHz
Signal-to-(Noise + Distortion)
3.6V
≥ V
CC ≥ 3.0V, VIN = 2.5Vp-p
68
71
70
72
dB
at 10kHz
3.0V > VCC ≥ 2.7V, VIN = 2.5Vp-p
68
71
✻✻
dB
at 10kHz
Spurious-Free Dynamic Range
3.6V
≥ V
CC ≥ 3.0V, VIN = 2.5Vp-p
72
78
76
80
dB
at 10kHz
3.0V > VCC ≥ 2.7V, VIN = 2.5Vp-p
72
78
✻✻
dB
at 10kHz
Channel-to-Channel Isolation
VIN = 2.5Vp-p at 50kHz
100
dB
REFERENCE INPUT
Range
0.1
+VCC
✻✻
V
Resistance
DCLK Static
5
G
Input Current
13
40
✻✻
µA
fSAMPLE = 12.5kHz
2.5
µA
DCLK Static
0.001
3
✻✻
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels
VIH
| IIH | ≤ +5µA+VCC • 0.7
5.5
✻✻
V
VIL
| IIL | ≤ +5µA
–0.3
+0.8
✻✻
V
VOH
IOH = –250µA+VCC • 0.8
V
VOL
IOL = 250µA
0.4
V
Data Format
Straight Binary
External Clock
0.2
2
✻✻
MHz
POWER-SUPPLY REQUIREMENTS
+VCC
Specified Performance
2.7
3.6
✻✻
V
Quiescent Current
280
650
✻✻
µA
fSAMPLE = 12.5kHz
220
µA
Power-Down Mode(3), CS = +VCC
3
µA
Power Dissipation
1.8
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C


Similar Part No. - ADS7842EBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7842EB BURR-BROWN-ADS7842EB Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7842EBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com