Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1490 Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. 2N1490
Description  NPN SILICON HIGH POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 2 page
background image
2N1487, 2N1488, 2N1489, 2N1490 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 1.5 Adc, VCE = 4.0 Vdc
2N1487, 2N1488
2N1489, 2N1490
hFE
15
25
45
75
Collector-Emitter Saturation Voltage
IC = 1.5 Adc, IB = 300 mAdc
2N1487, 2N1488
IC = 1.5 Adc, IB = 100 mAdc
2N1489, 2N1490
VCE(sat)
3.0
1.0
Vdc
Base-Emitter Voltage
IC = 1.5 Adc, VCE = 4.0 Vdc
2N1487, 2N1488
2N1489, 2N1490
VBE(on)
3.0
2.0
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current
Transfer Ratio Cutoff Frequency
IC = 100 mAdc, VCB = 12 Vdc
f
hfb
500
kc
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
700
pF
SWITCHING CHARACTERISTICS
Turn-On / Turn-Off Time
VCC = 12 Vdc; IB0 = IB2 = 150 mAdc; IB1 = 300 mAdc; RC = 7.8 Ω
ton + toff
25
µs
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD13002NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR 1 2 3 4 List of Unclassifed Manufacturers
NTE267Silicon NPN Transistor High Gain Darlington Power Amp Switch 1 2 NTE Electronics
FZT692BNPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 1 2 Zetex Semiconductors
BUL50AADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 1 2 Seme LAB
BUL57AADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 1 2 Seme LAB
BUL72BADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR 1 2 Seme LAB
2N7370NPN DARLINGTON HIGH POWER SILICON TRANSISTOR 1 2 Microsemi Corporation
NTE75Silicon NPN Transistor High Power Amplifier Switch Stud Mount 1 2 NTE Electronics
2N5886HIGH CURRENT SILICON NPN POWER TRANSISTOR 1 2 3 4 STMicroelectronics
BUX80HIGH VOLTAGE NPN SILICON POWER TRANSISTOR 1 2 3 4 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl