Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS825E Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS825E
Description  ANALOG-TO-DIGITAL CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS825E Datasheet(HTML) 5 Page - Texas Instruments

  ADS825E Datasheet HTML 1Page - Texas Instruments ADS825E Datasheet HTML 2Page - Texas Instruments ADS825E Datasheet HTML 3Page - Texas Instruments ADS825E Datasheet HTML 4Page - Texas Instruments ADS825E Datasheet HTML 5Page - Texas Instruments ADS825E Datasheet HTML 6Page - Texas Instruments ADS825E Datasheet HTML 7Page - Texas Instruments ADS825E Datasheet HTML 8Page - Texas Instruments ADS825E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ADS822, ADS825
5
SBAS069B
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
20
f
IN = 10MHz
SPECTRAL PERFORMANCE
(Single-Ended, 1Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
20
f
IN = 20MHz
SNR = 57dBFS
SFDR = 70dBFS
SPECTRAL PERFORMANCE
(Single-Ended, 1Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
20
f
IN = 10MHz
SNR = 57dBFS
SFDR = 71dBFS
SPECTRAL PERFORMANCE
(Differential Input, 1Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
20
f
IN = 10MHz
SNR = 58dBFS
SFDR = 74dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
20
f
IN = 1MHz
UNDERSAMPLING
(Differential Input, 2Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
20
f
S = 40MHz
f
IN = 45MHz
SNR = 60dBFS
SFDR = 74dBFS
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V, single-ended input range = 1.5V to 3.5V, sampling rate = 40MHz, and external reference, unless otherwise noted.


Similar Part No. - ADS825E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS825E BURR-BROWN-ADS825E Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS825E/1K BURR-BROWN-ADS825E/1K Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS825E

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com