Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS821UG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS821UG4
Description  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS821UG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS821UG4 Datasheet HTML 6Page - Texas Instruments ADS821UG4 Datasheet HTML 7Page - Texas Instruments ADS821UG4 Datasheet HTML 8Page - Texas Instruments ADS821UG4 Datasheet HTML 9Page - Texas Instruments ADS821UG4 Datasheet HTML 10Page - Texas Instruments ADS821UG4 Datasheet HTML 11Page - Texas Instruments ADS821UG4 Datasheet HTML 12Page - Texas Instruments ADS821UG4 Datasheet HTML 13Page - Texas Instruments ADS821UG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
ADS821
10
SBAS040B
time-align it with the data created from the following quan-
tizer stages. This aligned data is fed into a digital error
correction circuit that can adjust the output data based on the
information found on the redundant bits. This technique gives
the ADS821 excellent differential linearity and ensures no
missing-codes at the 10-bit level.
The output data is available in Straight Offset Binary (SOB) or
Binary Two’s Complement (BTC) format.
THE ANALOG INPUT AND INTERNAL REFERENCE
The analog input of the ADS821 can be configured in various
ways and driven with different circuits, depending on the
nature of the signal and the level of performance desired. The
ADS821 has an internal reference that sets the full-scale
input range of the A/D converter. The differential input range
has each input centered around the common-mode of +2.25V,
with each of the two inputs having a full-scale range of +1.25V
to +3.25V. Since each input is 2Vp-p and 180
° out-of-phase
with the other, a 4V differential input signal to the quantizer
results. As shown in Figure 3, the positive full-scale reference
(REFT) and the negative full-scale reference (REFB) are
brought out for external bypassing. In addition, the common-
mode (CM) voltage may be used as a reference to provide the
appropriate offset for the driving circuitry. However, care must
be taken not to appreciably load this reference node. For
more information regarding external references, single-ended
inputs, and ADS821 drive circuits, refer to the applications
section.
For most applications, the clock duty should be set to
50%. For applications requiring no missing codes, how-
ever, a slight skew in the duty cycle will improve DNL
performance for conversion rates > 35MHz and input
frequencies < 2MHz (see Timing Diagram) in the SO
package. For the best performance in the SSOP pack-
age, the clock should be skewed under all input frequen-
cies with conversion rates > 35MHz. A possible method
for skewing the 50% duty cycle source is shown in Figure 4.
FIGURE 3. Internal Reference Structure.
CLOCK REQUIREMENTS
The CLK pin accepts a CMOS level clock input. Both the
rising and falling edges of the externally applied clock con-
trols the various interstage conversions in the pipeline. There-
fore, the clock signal’s jitter, rise-and-fall times and duty cycle
can affect conversion performance.
Low clock jitter is critical to SNR performance in fre-
quency-domain signal environments.
Clock rise and fall times should be as short as possible
(< 2ns for best performance).
FIGURE 4. Clock Skew Circuit.
DIGITAL OUTPUT DATA
The 10-bit output data is provided at CMOS logic levels. There
is a 6.5 clock cycle data latency from the start convert signal
to the valid output data. The standard output coding is Straight
Offset Binary where a full-scale input signal corresponds to all
“1’s” at the output. This condition is met with pin 19 LOW or
Floating due to an internal pull-down resistor. By applying a
high voltage to this pin, a BTC output will be provided where
the most significant bit is inverted. The digital outputs of the
ADS821 can be set to a high impedance state by driving OE
(pin 18) with a logic HIGH. Normal operation is achieved with
pin 18 LOW or Floating due to internal pull-down resistors. This
function is provided for testability purposes and is not meant to
drive digital buses directly or be dynamically changed during
the conversion process.
OUTPUT CODE
SOB
BTC
PIN 19
PIN 19
DIFFERENTIAL INPUT(1)
FLOATING or LOW
HIGH
+FS (IN = +3.25V, IN = +1.25V)
1111111111
0111111111
+FS – 1LSB
1111111111
0111111111
+FS – 2LSB
1111111110
0111111110
+3/4 Full-Scale
1110000000
0110000000
+1/2 Full-Scale
1100000000
0100000000
+1/4 Full-Scale
1010000000
0010000000
+1LSB
1000000001
0000000001
Bipolar Zero (IN = IN = +2.25V)
1000000000
0000000000
–1LSB
0111111111
1111111111
–1/4 Full-Scale
0110000000
1110000000
–1/2 Full-Scale
0100000000
1100000000
–3/4 Full-Scale
0010000000
1010000000
–FS + 1LSB
0000000001
1000000001
–FS (IN = +1.25V, IN = +3.25V)
0000000000
1000000000
NOTE: (1) In the single-ended input mode, +FS = +4.25V and –FS = +0.25V.
TABLE I. Coding Table for the ADS821.
+1.25V
+3.25V
2k
2k
0.1
µF
0.1
µF
+2.25V
REFT
REFB
CM
ADS821
To
Internal
Comparators
21
22
23
0.1
µF
R
V
2k
V
DD
0.1
µF
V
DD
CLK
OUT
CLK
IN
IC2
IC1
IC1, IC2 = ACT04
R
V = 217Ω, Typical


Similar Part No. - ADS821UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS821U BURR-BROWN-ADS821U Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS821UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com