Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS805U Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS805U
Description  ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS805U Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS805U Datasheet HTML 5Page - Texas Instruments ADS805U Datasheet HTML 6Page - Texas Instruments ADS805U Datasheet HTML 7Page - Texas Instruments ADS805U Datasheet HTML 8Page - Texas Instruments ADS805U Datasheet HTML 9Page - Texas Instruments ADS805U Datasheet HTML 10Page - Texas Instruments ADS805U Datasheet HTML 11Page - Texas Instruments ADS805U Datasheet HTML 12Page - Texas Instruments ADS805U Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ADS805
9
SBAS073B
www.ti.com
FIGURE 2. DC-Coupled, Single-Ended Input Configuration with DC-level Shift.
INPUT
FULL-SCALE
REQUIRED
MODE
RANGE
VREF
CONNECT
TO
Internal
2Vp-p
+1V
SEL
VREF
Internal
5Vp-p
+2.5V
SEL
GND
Internal
2V
≤ FSR < 5V
1V < VREF < 2.5V
R1
VREF and SEL
FSR = 2 • VREF
VREF = 1 + (R1/R2)R2
SEL and Gnd
External
1V < FSR < 5V
0.5V < VREF < 2.5V
SEL
+VS
VREF
Ext. VREF
TABLE I. Selected Reference Configuration Examples.
V
IN
IN
IN
CM
22
22
100pF
R
T
100pF
+
4.7µF
0.1µF
ADS805
1:n
0.1µF
R
G
FIGURE 3. Transformer-Coupled Input.
REFERENCE OPERATION
Integrated into the ADS805 is a bandgap reference circuit
including logic that provides either a +1V or +2.5V reference
output, by simply selecting the corresponding pin-strap con-
figuration. Different reference voltages can be generated by
the use of two external resistors, which will set a different
gain for the internal reference buffer. For more design flexibil-
ity, the internal reference can be shut off and an external
reference voltage used. Table I provides an overview of the
possible reference options and pin configurations.
offset. The selection criteria for an appropriate op amp should
include the input bias current, output voltage swing, distortion,
and noise specification. Note that in this example the overall
signal phase is inverted. To reestablish the original signal
polarity, it is always possible to interchange the IN and IN
connections.
SINGLE-ENDED-TO-DIFFERENTIAL
CONFIGURATION (TRANSFORMER-COUPLED)
In order to select the best suited interface circuit for the
ADS805, the performance requirements must be known. If
an ac-coupled input is needed for a particular application, the
next step is to determine the method of applying the signal;
either single-ended or differentially. The differential input
configuration may provide a noticeable advantage of achiev-
ing good SFDR performance based on the fact that, in the
differential mode, the signal swing can be reduced to half of
the swing required for single-ended drive. Secondly, by
driving the ADS805 differentially, the even-order harmonics
will be reduced. Figure 3 shows the schematic for the
suggested transformer-coupled interface circuit. The resistor
across the secondary side (RT) should be set to get an input
impedance match (e.g., RT = n2 • RG).
One application example that will benefit from the differential
input configuration is the digitization of IF signals. The wide
track-and-hold input bandwidth makes the ADS805 well
suited for IF down conversion in both narrow and wideband
applications. The ADS805 maintains excellent dynamic per-
formance in multiple Nyquist regions covering a variety of IF
frequencies (see the Typical Characteristics). Using the
ADS805 for direct IF conversion eliminates the need of an
analog mixer along with subsequent functions like amplifiers
and filters, thus reducing system cost and complexity.
V
IN
2Vp-p
0
+1V
–1V
R
F
R
IN
NOTE: R
F = RIN, G = –1
+V
S
+V
S
OPA691
ADS805
R
S
50
R
3
2k
22pF
10
µF
+
+2.5V
R
2
R
1
R
4
2k
IN
IN
REFB
(+1V)
V
REF
SEL
REFT
0.1
µF
0.1
µF


Similar Part No. - ADS805U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS805U BURR-BROWN-ADS805U Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805U TI1-ADS805U Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805U1K TI1-ADS805U1K Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS805U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com